| 전자부품 데이터시트 검색엔진 |
|
MCP3909-I/SS 데이터시트(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3909-I/SS 데이터시트(HTML) 32 Page - Microchip Technology |
|
32 / 44 page ![]() MCP3909 DS22025B-page 32 © 2009 Microchip Technology Inc. FIGURE 5-8: Dual Channel Output Mode SPI Communication using 8-bit segments (Mode 0,1: SCK idles low). 1 2 3 4 5 6 7 8 9 10 11 1213 1415 16 D14 D13 D12 D11 D7 D6 D5 D4 D3 D2 D1 D0 MCU latches data from Data is clocked out on rising edges Device on falling edges of SCK Don’t Care X XX X X X X D7 D6 D5 D4 D3 D2 D1 D0 D11 D10 D9 D8 X X X MCU Transmit Buffer MCU Receive Buffer X CH0 Data stored into MCU receive regis- ter after transmission of first 8 bits CH0 Data stored into MCU receive register after transmission of second 8 bits D15 D10 D9 D8 X X X X X D15 D14 D13 D12 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 MCU latches data from Data is clocked out on rising edges Device on falling edges of SCK Don’t Care X XX X X X X D7 D6 D5 D4 D3 D2 D1 D0 D11 D10 D9 D8 X X X MCU Transmit Buffer MCU Receive Buffer X CH1 Data stored into MCU receive regis- ter after transmission of third 8 bits CH1 Data stored into MCU receive register after transmission of fourth 8 bits X X X X X D15 D14 D13 D12 CHANNEL 0 CHANNEL 1 D14 D13 D12 D11 D7 D6 D5 D4 D3 D2 D1 D0 D15 D10 D9 D8 F1 / SDI F2 / SCK NEG / SDO F0 / CS F1 / SDI F2 / SCK NEG / SDO F0 / CS |