전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2221 데이터시트(PDF) 106 Page - Microchip Technology

부품명 PIC18F2221
상세설명  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 데이터시트(HTML) 106 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 102Page - Microchip Technology PIC18F2221 Datasheet HTML 103Page - Microchip Technology PIC18F2221 Datasheet HTML 104Page - Microchip Technology PIC18F2221 Datasheet HTML 105Page - Microchip Technology PIC18F2221 Datasheet HTML 106Page - Microchip Technology PIC18F2221 Datasheet HTML 107Page - Microchip Technology PIC18F2221 Datasheet HTML 108Page - Microchip Technology PIC18F2221 Datasheet HTML 109Page - Microchip Technology PIC18F2221 Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 106
© 2009 Microchip Technology Inc.
10.4
IPR Registers
The IPR registers contain the individual priority bits for
the peripheral interrupts. Due to the number of periph-
eral interrupt sources, there are two Peripheral Interrupt
Priority registers (IPR1 and IPR2). Using the priority bits
requires that the Interrupt Priority Enable (IPEN) bit be
set.
REGISTER 10-8:
IPR1: PERIPHERAL INTERRUPT PRIORITY REGISTER 1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
bit 7
bit 0
bit 7
PSPIP: Parallel Slave Port Read/Write Interrupt Priority bit(1)
1 =High priority
0 = Low priority
Note 1: This bit is unimplemented on 28-pin devices and will read as ‘0’.
bit 6
ADIP: A/D Converter Interrupt Priority bit
1 =High priority
0 = Low priority
bit 5
RCIP: EUSART Receive Interrupt Priority bit
1 =High priority
0 = Low priority
bit 4
TXIP: EUSART Transmit Interrupt Priority bit
1 =High priority
0 = Low priority
bit 3
SSPIP: Master Synchronous Serial Port Interrupt Priority bit
1 =High priority
0 = Low priority
bit 2
CCP1IP: CCP1 Interrupt Priority bit
1 =High priority
0 = Low priority
bit 1
TMR2IP: TMR2 to PR2 Match Interrupt Priority bit
1 =High priority
0 = Low priority
bit 0
TMR1IP: TMR1 Overflow Interrupt Priority bit
1 =High priority
0 = Low priority
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com