전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2221 데이터시트(PDF) 108 Page - Microchip Technology

부품명 PIC18F2221
상세설명  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 데이터시트(HTML) 108 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 104Page - Microchip Technology PIC18F2221 Datasheet HTML 105Page - Microchip Technology PIC18F2221 Datasheet HTML 106Page - Microchip Technology PIC18F2221 Datasheet HTML 107Page - Microchip Technology PIC18F2221 Datasheet HTML 108Page - Microchip Technology PIC18F2221 Datasheet HTML 109Page - Microchip Technology PIC18F2221 Datasheet HTML 110Page - Microchip Technology PIC18F2221 Datasheet HTML 111Page - Microchip Technology PIC18F2221 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 108
© 2009 Microchip Technology Inc.
10.5
RCON Register
The RCON register contains flag bits which are used to
determine the cause of the last Reset or wake-up from
Idle or Sleep modes. RCON also contains the IPEN bit
which enables interrupt priorities.
The operation of the SBOREN bit and the Reset flag
bits is discussed in more detail in Section 5.1 “RCON
Register”.
REGISTER 10-10: RCON: RESET CONTROL REGISTER
R/W-0
R/W-1(1)
U-0
R/W-1
R-1
R-1
R/W-0(2)
R/W-0
IPEN
SBOREN
—RI
TO
PD
POR
BOR
bit 7
bit 0
bit 7
IPEN: Interrupt Priority Enable bit
1 = Enable priority levels on interrupts
0 = Disable priority levels on interrupts (PIC16XXX Compatibility mode)
bit 6
SBOREN: Software BOR Enable bit(1)
For details of bit operation, see Register 5-1.
bit 5
Unimplemented: Read as ‘0’
bit 4
RI: RESET Instruction Flag bit
For details of bit operation, see Register 5-1.
bit 3
TO: Watchdog Time-out Flag bit
For details of bit operation, see Register 5-1.
bit 2
PD: Power-down Detection Flag bit
For details of bit operation, see Register 5-1.
bit 1
POR: Power-on Reset Status bit(2)
For details of bit operation, see Register 5-1.
bit 0
BOR: Brown-out Reset Status bit
For details of bit operation, see Register 5-1.
Note 1: If SBOREN is enabled, its Reset state is ‘1’; otherwise, it is ‘0’.
2: Actual Reset values are determined by device configuration and the nature of the
device Reset. See Register 5-1 for additional information.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com