전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2221 데이터시트(PDF) 114 Page - Microchip Technology

부품명 PIC18F2221
상세설명  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 데이터시트(HTML) 114 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 110Page - Microchip Technology PIC18F2221 Datasheet HTML 111Page - Microchip Technology PIC18F2221 Datasheet HTML 112Page - Microchip Technology PIC18F2221 Datasheet HTML 113Page - Microchip Technology PIC18F2221 Datasheet HTML 114Page - Microchip Technology PIC18F2221 Datasheet HTML 115Page - Microchip Technology PIC18F2221 Datasheet HTML 116Page - Microchip Technology PIC18F2221 Datasheet HTML 117Page - Microchip Technology PIC18F2221 Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 114
© 2009 Microchip Technology Inc.
11.2
PORTB, TRISB and LATB
Registers
PORTB is an 8-bit wide, bidirectional port. The
corresponding Data Direction register is TRISB. Setting
a TRISB bit (= 1) will make the corresponding PORTB
pin an input (i.e., put the corresponding output driver in
a High-Impedance mode). Clearing a TRISB bit (= 0)
will make the corresponding PORTB pin an output (i.e.,
put the contents of the output latch on the selected pin).
The Data Latch register (LATB) is also memory
mapped. Read-modify-write operations on the LATB
register read and write the latched output value for
PORTB.
EXAMPLE 11-2:
INITIALIZING PORTB
Each of the PORTB pins has a weak internal pull-up. A
single control bit can turn on all the pull-ups. This is
performed by clearing bit, RBPU (INTCON2<7>). The
weak pull-up is automatically turned off when the port
pin is configured as an output. The pull-ups are
disabled on a Power-on Reset.
Four of the PORTB pins (RB<7:4>) have an interrupt-
on-change feature. Only pins configured as inputs can
cause this interrupt to occur (i.e., any RB<7:4> pin
configured as an output is excluded from the interrupt-
on-change comparison). The input pins (of RB<7:4>)
are compared with the old value latched on the last
read of PORTB. The “mismatch” outputs of RB<7:4>
are ORed together to generate the RB Port Change
Interrupt with Flag bit, RBIF (INTCON<0>).
This interrupt can wake the device from Sleep mode or
any of the Idle modes. The user, in the Interrupt Service
Routine, can clear the interrupt in the following manner:
a) Any read or write of PORTB (except with the
MOVFF (ANY), PORTB instruction).
b) 1 TCY.
c)
Clear flag bit, RBIF.
A mismatch condition will continue to set flag bit, RBIF.
Reading PORTB and waiting 1 TCY will end the
mismatch condition and allow flag bit, RBIF, to be
cleared. Also, if the port pin returns to its original state,
the mismatch condition will be cleared.
The interrupt-on-change feature is recommended for
wake-up on key depression operation and operations
where PORTB is only used for the interrupt-on-change
feature. Polling of PORTB is not recommended while
using the interrupt-on-change feature.
RB3 can be configured by the Configuration bit,
CCP2MX, as the alternate peripheral pin for the CCP2
module (CCP2MX = 0).
Note:
On a Power-on Reset, RB<4:0> are
configured as analog inputs by default and
read as ‘0’; RB<7:5> are configured as
digital inputs.
By
clearing
the
Configuration
bit,
PBADEN, RB<4:0> will alternatively be
configured as digital inputs on POR.
CLRF
PORTB
; Initialize PORTB by
; clearing output
; data latches
CLRF
LATB
; Alternate method
; to clear output
; data latches
MOVLW
0Fh
; Set RB<4:0> as
MOVWF
ADCON1 ; digital I/O pins
; (required if config bit
; PBADEN is set)
MOVLW
0CFh
; Value used to
; initialize data
; direction
MOVWF
TRISB
; Set RB<3:0> as inputs
; RB<5:4> as outputs
; RB<7:6> as inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com