전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2221 데이터시트(PDF) 118 Page - Microchip Technology

부품명 PIC18F2221
상세설명  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 데이터시트(HTML) 118 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 114Page - Microchip Technology PIC18F2221 Datasheet HTML 115Page - Microchip Technology PIC18F2221 Datasheet HTML 116Page - Microchip Technology PIC18F2221 Datasheet HTML 117Page - Microchip Technology PIC18F2221 Datasheet HTML 118Page - Microchip Technology PIC18F2221 Datasheet HTML 119Page - Microchip Technology PIC18F2221 Datasheet HTML 120Page - Microchip Technology PIC18F2221 Datasheet HTML 121Page - Microchip Technology PIC18F2221 Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 118
© 2009 Microchip Technology Inc.
TABLE 11-5:
PORTC I/O SUMMARY
Pin
Function
TRIS
Setting
I/O
I/O
Type
Description
RC0/T1OSO/
T13CKI
RC0
0
O
DIG
LATC<0> data output.
1
I
ST
PORTC<0> data input.
T1OSO
x
O
ANA
Timer1 oscillator output; enabled when Timer1 oscillator enabled.
Disables digital I/O.
T13CKI
1
I
ST
Timer1/Timer3 counter input.
RC1/T1OSI/CCP2
RC1
0
O
DIG
LATC<1> data output.
1
I
ST
PORTC<1> data input.
T1OSI
x
I
ANA
Timer1 oscillator input; enabled when Timer1 oscillator enabled.
Disables digital I/O.
CCP2(1)
0
O
DIG
CCP2 compare and PWM output; takes priority over port data.
1
I
ST
CCP2 capture input.
RC2/CCP1/P1A
RC2
0
O
DIG
LATC<2> data output.
1
I
ST
PORTC<2> data input.
CCP1
0
O
DIG
CCP1 compare or PWM output; takes priority over port data.
1
I
ST
CCP1 capture input.
P1A(2)
0
O
DIG
ECCP1 Enhanced PWM output, Channel A. May be configured for
tri-state during Enhanced PWM shutdown events. Takes priority over
port data.
RC3/SCK/SCL
RC3
0
O
DIG
LATC<3> data output.
1
I
ST
PORTC<3> data input.
SCK
0
O
DIG
SPI clock output (MSSP module); takes priority over port data.
1
I
ST
SPI clock input (MSSP module).
SCL
0
ODIG
I2C™ clock output (MSSP module); takes priority over port data.
1
II2C/SMB I2C clock input (MSSP module); input type depends on module setting.
RC4/SDI/SDA
RC4
0
O
DIG
LATC<4> data output.
1
I
ST
PORTC<4> data input.
SDI
1
I
ST
SPI data input (MSSP module).
SDA
1
ODIG
I2C data output (MSSP module); takes priority over port data.
1
II2C/SMB I2C data input (MSSP module); input type depends on module setting.
RC5/SDO
RC5
0
O
DIG
LATC<5> data output.
1
I
ST
PORTC<5> data input.
SDO
0
O
DIG
SPI data output (MSSP module); takes priority over port data.
RC6/TX/CK
RC6
0
O
DIG
LATC<6> data output.
1
I
ST
PORTC<6> data input.
TX
1
O
DIG
Asynchronous serial transmit data output (EUSART module);
takes priority over port data. User must configure as output.
CK
1
O
DIG
Synchronous serial clock output (EUSART module); takes priority
over port data.
1
I
ST
Synchronous serial clock input (EUSART module).
RC7/RX/DT
RC7
0
O
DIG
LATC<7> data output.
1
I
ST
PORTC<7> data input.
RX
1
I
ST
Asynchronous serial receive data input (EUSART module).
DT
1
O
DIG
Synchronous serial data output (EUSART module); takes priority over
port data.
1
I
ST
Synchronous serial data input (EUSART module). User must
configure as an input.
Legend:
DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; ANA = Analog level input/output;
I2C/SMB = I2C/SMBus input buffer; x = Don’t care (TRIS bit does not affect port direction or is overridden for this option).
Note 1:
Default assignment for CCP2 when the CCP2MX Configuration bit is set. Alternate assignment is RB3.
2:
Enhanced PWM output is available only on PIC18F4221/4321 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com