전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2221 데이터시트(PDF) 145 Page - Microchip Technology

부품명 PIC18F2221
상세설명  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 데이터시트(HTML) 145 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 141Page - Microchip Technology PIC18F2221 Datasheet HTML 142Page - Microchip Technology PIC18F2221 Datasheet HTML 143Page - Microchip Technology PIC18F2221 Datasheet HTML 144Page - Microchip Technology PIC18F2221 Datasheet HTML 145Page - Microchip Technology PIC18F2221 Datasheet HTML 146Page - Microchip Technology PIC18F2221 Datasheet HTML 147Page - Microchip Technology PIC18F2221 Datasheet HTML 148Page - Microchip Technology PIC18F2221 Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 145
PIC18F2221/2321/4221/4321 FAMILY
16.0 CAPTURE/COMPARE/PWM
(CCP) MODULES
PIC18F2221/2321/4221/4321 family devices all have
two CCP (Capture/Compare/PWM) modules. Each
module contains a 16-bit register which can operate as
a 16-bit Capture register, a 16-bit Compare register or
a PWM Master/Slave Duty Cycle register.
In 28-pin devices, the two standard CCP modules
(CCP1 and CCP2) operate as described in this
chapter. In 40/44-pin devices, CCP1 is implemented
as an Enhanced CCP module with standard Capture
and Compare modes and Enhanced PWM modes.
The
ECCP
implementation
is
discussed
in
Section 17.0 “Enhanced Capture/Compare/PWM
(ECCP) Module”.
The Capture and Compare operations described in this
chapter apply to all standard and Enhanced CCP
modules.
REGISTER 16-1:
CCPxCON REGISTER (CCP2 MODULE, CCP1 MODULE IN 28-PIN DEVICES)
Note: Throughout this section and Section 17.0
“Enhanced Capture/Compare/PWM (ECCP)
Module”, references to the register and bit
names for CCP modules are referred to
generically by the use of ‘x’ or ‘y’ in place
of the specific module number. Thus,
“CCPxCON” might refer to the control regis-
ter for CCP1, CCP2 or ECCP1. “CCPxCON”
is used throughout these sections to refer to
the module control register, regardless of
whether the CCP module is a standard or
Enhanced implementation.
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DCxB1
DCxB0
CCPxM3
CCPxM2 CCPxM1 CCPxM0
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
DCxB<1:0>: PWM Duty Cycle bit 1 and bit 0 for CCP Module x
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSbs (bit 1 and bit 0) of the 10-bit PWM duty cycle. The eight MSbs
(DCxB<9:2>) of the duty cycle are found in CCPRxL.
bit 3-0
CCPxM<3:0>: CCPx Module Mode Select bits
0000 = Capture/Compare/PWM disabled (resets CCP module)
0001 = Reserved
0010 = Compare mode, toggle output on match (CCPxIF bit is set)
0011 = Reserved
0100 = Capture mode, every falling edge
0101 = Capture mode, every rising edge
0110 = Capture mode, every 4th rising edge
0111 = Capture mode, every 16th rising edge
1000 = Compare mode: initialize CCP pin low; on compare match, force CCP pin high
(CCPxIF bit is set)
1001 = Compare mode: initialize CCP pin high; on compare match, force CCP pin low
(CCPxIF bit is set)
1010 = Compare mode: generate software interrupt on compare match (CCPxIF bit is set,
CCP pin reflects I/O state)
1011 = Compare mode: trigger special event, reset timer, start A/D conversion on
CCPx match (CCPxIF bit is set)
11xx = PWM mode
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com