전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2221 데이터시트(PDF) 149 Page - Microchip Technology

부품명 PIC18F2221
상세설명  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 데이터시트(HTML) 149 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 145Page - Microchip Technology PIC18F2221 Datasheet HTML 146Page - Microchip Technology PIC18F2221 Datasheet HTML 147Page - Microchip Technology PIC18F2221 Datasheet HTML 148Page - Microchip Technology PIC18F2221 Datasheet HTML 149Page - Microchip Technology PIC18F2221 Datasheet HTML 150Page - Microchip Technology PIC18F2221 Datasheet HTML 151Page - Microchip Technology PIC18F2221 Datasheet HTML 152Page - Microchip Technology PIC18F2221 Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 149
PIC18F2221/2321/4221/4321 FAMILY
TABLE 16-3:
REGISTERS ASSOCIATED WITH CAPTURE, COMPARE, TIMER1 AND TIMER3
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
55
RCON
IPEN
SBOREN(1)
—
RI
TO
PD
POR
BOR
54
PIR1
PSPIF(2)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
58
PIE1
PSPIE(2)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
58
IPR1
PSPIP(2)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
58
PIR2
OSCFIF
CMIF
—
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
58
PIE2
OSCFIE
CMIE
—
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
58
IPR2
OSCFIP
CMIP
—
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
58
TRISB
PORTB Data Direction Register
58
TRISC
PORTC Data Direction Register
58
TMR1L
Timer1 Register Low Byte
56
TMR1H
Timer1 Register High Byte
56
T1CON
RD16
T1RUN
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC
TMR1CS TMR1ON
56
TMR3H
Timer3 Register High Byte
57
TMR3L
Timer3 Register Low Byte
57
T3CON
RD16
T3CCP2
T3CKPS1 T3CKPS0
T3CCP1
T3SYNC
TMR3CS TMR3ON
57
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
57
CCPR1H
Capture/Compare/PWM Register 1 High Byte
57
CCP1CON P1M1(2)
P1M0(2)
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
57
CCPR2L
Capture/Compare/PWM Register 2 Low Byte
57
CCPR2H
Capture/Compare/PWM Register 2 High Byte
57
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
57
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by Capture/Compare, Timer1 or Timer3.
Note 1: The SBOREN bit is only available when the BOREN<1:0> Configuration bits = 01; otherwise, it is disabled
and reads as ‘0’. See Section 5.4 “Brown-out Reset (BOR)”.
2: These bits are unimplemented on 28-pin devices and read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com