전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATXMEGA64A1 데이터시트(PDF) 88 Page - ATMEL Corporation

부품명 ATXMEGA64A1
상세설명  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 데이터시트(HTML) 88 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 84Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 85Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 86Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 87Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 88Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 89Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 90Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 91Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 99 page
background image
88
8067I–AVR–04/09
XMEGA A1
3.
DAC is nonlinear and inaccurate when reference is above 2.4V
Using the DAC with a reference voltage above 2.4V give inaccurate output when converting
codes that give below 0.75V output:
– ±20 LSB for continuous mode
– ±200 LSB for Sample and Hold mode
Problem fix/Workaround
None, avoid using a voltage reference above 2.4V.
4.
ADC gain stage output range is limited to 2.4 V
The amplified output of the ADC gain stage will never go above 2.4 V, hence the differential
input will only give correct output when below 2.4 V/gain. For the available gain settings, this
gives a differential input range of:
Problem fix/Workaround
Keep the amplified voltage output from the ADC gain stage below 2.4 V in order to get a cor-
rect result, or keep ADC voltage reference below 2.4 V.
5.
The ADC has up to ±2 LSB inaccuracy
The ADC will have up to ±2 LSB inaccuracy, visible as a saw-tooth pattern on the input volt-
age/ output value transfer function of the ADC. The inaccuracy increases with increasing
voltage reference reaching ±2 LSB with 3V reference.
Problem fix/Workaround
None, the actual ADC resolution will be reduced with up to ±2 LSB.
6.
TWI, a general address call will match independent of the R/W-bit value
When the TWI is in Slave mode and a general address call is issued on the bus, the TWI
Slave will get an address match regardless of the R/W-bit (ADDR[0] bit) value in the Slave
Address Register.
Problem fix/Workaround
Use software to check the R/W-bit on general call address match.
7.
TWI, the minimum I2C SCL low time could be violated in Master Read mode
When the TWI is in Master Read mode and issuing a Repeated Start on the bus, this will
immediately release the SCL line even if one complete SCL low period has not passed. This
means that the minimum SCL low time in the I
2C specification could be violated.
–
1x
gain:
2.4
V
–
2x
gain:
1.2
V
–
4x
gain:
0.6
V
–
8x
gain:
300
mV
–
16x
gain:
150
mV
–
32x
gain:
75
mV
–
64x
gain:
38
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com