| 전자부품 데이터시트 검색엔진 |
|
ATXMEGA64A1 데이터시트(PDF) 51 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATXMEGA64A1 데이터시트(HTML) 51 Page - ATMEL Corporation |
|
51 / 99 page ![]() 51 8067I–AVR–04/09 XMEGA A1 29.2 Alternate Pin Functions The tables below show the primary/default function for each pin on a port in the first column, the pin number in the second column, and then all alternate pin functions in the remaining columns. The head row shows what peripheral that enable and use the alternate pin functions. Table 29-1. Port A - Alternate functions PORT A PIN # INTERRUPT ADCA POS ADCA NEG ADCA GAINPOS ADCA GAINNEG ACA POS ACA NEG ACA OUT DACA REFA GND 93 AVCC 94 PA0 95 SYNC ADC0 ADC0 ADC0 AC0 AC0 AREF PA1 96 SYNC ADC1 ADC1 ADC1 AC1 AC1 PA2 97 SYNC/ASYNC ADC2 ADC2 ADC2 AC2 DAC0 PA3 98 SYNC ADC3 ADC3 ADC3 AC3 AC3 DAC1 PA4 99 SYNC ADC4 ADC4 ADC4 AC4 PA5 100 SYNC ADC5 ADC5 ADC5 AC5 AC5 PA6 1 SYNC ADC6 ADC6 ADC6 AC6 PA7 2 SYNC ADC7 ADC7 ADC7 AC7 AC0OUT Table 29-2. Port B - Alternate functions PORT B PIN # INTERRUPT ADCB POS ADCB NEG ADCB GAINPOS ADCB GAINNEG ACB POS ACB NEG ACB OUT DACB REFB JTAG GND 3 AVCC 4 PB0 5 SYNC ADC0 ADC0 ADC0 AC0 AC0 AREF PB1 6 SYNC ADC1 ADC1 ADC1 AC1 AC1 PB2 7 SYNC/ASYNC ADC2 ADC2 ADC2 AC2 DAC0 PB3 8 SYNC ADC3 ADC3 ADC3 AC3 AC3 DAC1 PB4 9 SYNC ADC4 ADC4 ADC4 AC4 TMS PB5 10 SYNC ADC5 ADC5 ADC5 AC5 AC5 TDI PB6 11 SYNC ADC6 ADC6 ADC6 AC6 TCK PB7 12 SYNC ADC7 ADC7 ADC7 AC7 AC0OUT TDO |