전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS1306 데이터시트(PDF) 7 Page - Maxim Integrated Products

부품명 DS1306
상세설명  Serial Alarm Real-Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1306 데이터시트(HTML) 7 Page - Maxim Integrated Products

Back Button DS1306 Datasheet HTML 3Page - Maxim Integrated Products DS1306 Datasheet HTML 4Page - Maxim Integrated Products DS1306 Datasheet HTML 5Page - Maxim Integrated Products DS1306 Datasheet HTML 6Page - Maxim Integrated Products DS1306 Datasheet HTML 7Page - Maxim Integrated Products DS1306 Datasheet HTML 8Page - Maxim Integrated Products DS1306 Datasheet HTML 9Page - Maxim Integrated Products DS1306 Datasheet HTML 10Page - Maxim Integrated Products DS1306 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DS1306
7 of 22
registers is set to a logic 1. Similarly, an alarm is generated every minute when bit 7 of the day, hour, and
minute alarm registers is set to a logic 1. When bit 7 of the day, hour, minute, and seconds alarm registers
is set to a logic 1, an alarm occurs every second.
During each clock update, the RTC compares the Alarm 0 and Alarm 1 registers with the corresponding
clock registers. When a match occurs, the corresponding alarm flag bit in the status register is set to a 1. If
the corresponding alarm interrupt enable bit is enabled, an interrupt output is activated.
Table 2. TIME-OF-DAY ALARM MASK BITS
ALARM REGISTER MASK BITS (BIT 7)
SECONDS
MINUTES
HOURS
DAYS
FUNCTION
1
1
1
1
Alarm once per second
0
1
1
1
Alarm when seconds match
0
0
1
1
Alarm when minutes and seconds match
0
0
0
1
Alarm hours, minutes, and seconds match
0
0
0
0
Alarm day, hours, minutes and seconds match
SPECIAL PURPOSE REGISTERS
The DS1306 has three additional registers (control register, status register, and trickle charger register)
that control the real-time clock, interrupts, and trickle charger.
CONTROL REGISTER (READ 0Fh, WRITE 8Fh)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0
WP
0
0
0
1Hz
AIE1
AIE0
WP (Write Protect) – Before any write operation to the clock or RAM, this bit must be logic 0. When
high, the write protect bit prevents a write operation to any register, including bits 0, 1, and 2 of the
control register. Upon initial power-up, the state of the WP bit is undefined. Therefore, the WP bit should
be cleared before attempting to write to the device. When WP is set, it must be cleared before any other
control register bit can be written.
1Hz (1Hz Output Enable) – This bit controls the 1Hz output. When this bit is a logic 1, the 1Hz output
is enabled. When this bit is a logic 0, the 1Hz output is high-Z.
AIE0 (Alarm Interrupt Enable 0) – When set to a logic 1, this bit permits the interrupt 0 request flag
(IRQF0) bit in the status register to assert INT0 . When the AIE0 bit is set to logic 0, the IRQF0 bit does
not initiate the INT0 signal.
AIE1 (Alarm Interrupt Enable 1) – When set to a logic 1, this bit permits the interrupt 1 request flag
(IRQF1) bit in the status register to assert INT1. When the AIE1 bit is set to logic 0, the IRQF1 bit does
not initiate an interrupt signal, and the INT1 pin is set to a logic 0 state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com