전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS1306 데이터시트(PDF) 15 Page - Maxim Integrated Products

부품명 DS1306
상세설명  Serial Alarm Real-Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1306 데이터시트(HTML) 15 Page - Maxim Integrated Products

Back Button DS1306 Datasheet HTML 11Page - Maxim Integrated Products DS1306 Datasheet HTML 12Page - Maxim Integrated Products DS1306 Datasheet HTML 13Page - Maxim Integrated Products DS1306 Datasheet HTML 14Page - Maxim Integrated Products DS1306 Datasheet HTML 15Page - Maxim Integrated Products DS1306 Datasheet HTML 16Page - Maxim Integrated Products DS1306 Datasheet HTML 17Page - Maxim Integrated Products DS1306 Datasheet HTML 18Page - Maxim Integrated Products DS1306 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
DS1306
15 of 22
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………..-0.5V to +7.0V
Storage Temperature Range……………………………………………………………….-55
C to +125C
Soldering Temperature.……………………………….Refer to the IPC/JEDEC Standard J-STD-020
Specification
This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time can affect
reliability.
OPERATING RANGE
RANGE
TEMP RANGE
VCC (V)
Commercial
0°C to +70°C
2.0 to 5.5 VCC1 or VCC2
Industrial
-40°C to +85°C
2.0 to 5.5 VCC1 or VCC2
RECOMMENDED DC OPERATING CONDITIONS
(TA = Over the operating range, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC1, VCC2
VCC1, VCC2
2.0
5.5
V
1, 8
Logic 1 Input
VIH
2.0
VCC + 0.3
V
VCC = 2.0V
+0.3
Logic 0 Input
VIL
VCC = 5V
-0.3
+0.8
V
VBAT Battery Voltage
VBAT
2.0
5.5
V
VCCIF Supply Voltage
VCCIF
2.0
5.5
V
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com