| 전자부품 데이터시트 검색엔진 |
|
MAXQ3183-RAN+ 데이터시트(PDF) 33 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3183-RAN+ 데이터시트(HTML) 33 Page - Maxim Integrated Products |
|
33 / 102 page ![]() Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect ______________________________________________________________________________________ 33 Interrupt Mask Register (IRQ_MASK) (0x006) BIT NAME FUNCTION 15 EDSPOR When set, the DSPOR flag causes the IRQ pin to become active. 14 EDSPRDY When set, the DSPRDY flag causes the IRQ pin to become active. 13 EDCHR When set, the DCHR flag causes the IRQ pin to become active. 12 EDCHA When set, the DCHA flag causes the IRQ pin to become active. 11 ENOZX When set, the NOZX flag causes the IRQ pin to become active. 10 EUV When set, the UV flag causes the IRQ pin to become active. 9 EOV When set, the OV flag causes the IRQ pin to become active. 8 EOC When set, the OC flag causes the IRQ pin to become active. 7:4 — Reserved. 3 EISUM When set, the ISUMOVF flag causes the IRQ pin to become active. 2 EEOVF When set, the EOVF flag causes the IRQ pin to become active. 1 ECHSCH When set, the CHSCH flag enables the IRQ pin to become active. 0 EPWRF When set, the PWRF flag causes the IRQ pin to become active. Bit: 15 14 13 12 11 10 9 8 Name: EDSPOR EDSPRDY EDCHR EDCHA ENOZX EUV EOV EOC Reset: 0 0 0 0 0 0 0 0 Bit: 7 6 5 4 3 2 1 0 Name: — — — — EISUM EEOVF ECHSCH EPWRF Reset: 0 0 0 0 0 0 0 0 |