전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7070 데이터시트(PDF) 43 Page - Sitronix Technology Co., Ltd.

부품명 ST7070
상세설명  Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7070 데이터시트(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7070 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
ST7070
V1.4
43/51
2009/04/29
LCD Frame Frequency
Assume the oscillation frequency is 270KHZ, 1 clock cycle time = 3.7us, 1/16 duty; 1/5 bias,1 frame
= 3.7us x 200 x 16 = 11840us=11.8ms(84.7Hz)
1
2
3
4
16
1
2
3
4
16
1
2
3
4
16
V0
V1
V2
V3
V4
Vss
COM1
V0
V1
V2
V3
V4
Vss
COM2
V0
V1
V2
V3
V4
Vss
COM16
V0
V1
V2
V3
V4
Vss
SEGx off
V0
V1
V2
V3
V4
Vss
1 frame
SEGx on
200 clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com