전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7070 데이터시트(PDF) 7 Page - Sitronix Technology Co., Ltd.

부품명 ST7070
상세설명  Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7070 데이터시트(HTML) 7 Page - Sitronix Technology Co., Ltd.

Back Button ST7070 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
ST7070
V1.4
7/51
2009/04/29
Pin Function
Name
Number
I/O
Interfaced
with
Function
RS
1
I
MPU
Select registers.
0: Write Instruction or “Read Busy Flag and Address”
1: Data write/read
It is not used in 3-Line SPI interface, fix RS at low, not floating.
R/W
1
I
MPU
Select read or write.
0: Write 1: Read
When serial interface select ,R/W pull low, not floating.
E
1
I
MPU
Starts data read/write.
When serial interface select ,E pull height , not floating.
XRESET
1
I
MPU
Hardware reset pin, Low active
PSB
1
I
MPU
Parallel /Serial selection. PSB: ”1”
Parallel , “0”
Serial.
DB4 to DB7
4
I/O
MPU
Four high order bi-directional tristate data bus pins. Used for
data transfer and receive between the MPU and the ST7070.
DB7 can be used as a busy flag.
Serial:
DB7:data input pin for serial mode(SI)
DB6:serial clock input for serial mode(SCL)
DB5:chip select pin for serial mode(/CS)
When serial interface select ,D4 pull height , not floating.
4bits mode : These pins are used during 4-bit operation.
DB0 to DB3
4
I/O
MPU
Four low order bi-directional tristate data bus
pins. Used for data transfer and receive
between the MPU and the ST7070.
These pins are not used during 4-bit operation and serial
interface , must pull height , not floating.
CL1
1
O
Extension driver
Clock to latch serial data D sent to the
Extension driver
CL2
1
O
Extension driver
Clock to shift serial data D
M
1
O
Extension driver
Switch signal for converting the liquid crystal
drive waveform to AC
D
1
O
Extension driver
Character pattern data corresponding to each
segment signal
COM1 to
COM16
16
O
LCD
Common signals that are not used are changed
to non-selection waveform. COM9 to COM16
are non-selection waveforms at 1/8 duty factor
and COM12 to COM16 are non-selection
waveforms at 1/11 duty factor.
SEG1 to
SEG80
80
O
LCD
Segment signals
V0 to V4
5
-
Power supply
Power supply for LCD drive
V0 - Vss = 10 V (Max)
VCC , GND
2
-
Power supply
VCC : 2.7V to 5.5V, GND: 0V
OSC1, OSC2
2
Oscillation
resistor clock
When crystal oscillation is performed, a resistor
must be connected externally. When the pin
input is an external clock, it must be input to OSC1.
Note:
1. V0 >= V1 >= V2 >= V3 >= V4 >= Vss must be maintained
2. Two clock options:
R
OSC1
OSC2
OSC2
Clock input
R=91K (Vcc=5V)
R=75K (Vcc=3V)
OSC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com