전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7070 데이터시트(PDF) 21 Page - Sitronix Technology Co., Ltd.

부품명 ST7070
상세설명  Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7070 데이터시트(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7070 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7070 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
ST7070
V1.4
21/51
2009/04/29
EXT=1
Bias resistor select
Set internal bias resistor value.
Rb1
Rb0
Description
L
L
External bias resistor select.
L
H
Build-in resistor select (R=2.2K).
H
L
Build-in resistor select (R=6.8K).
H
H
Build-in resistor select (R=
9.0K).
COM、
、SEG direction select
The SEG and COM output in ST7070 all have bi-direction control by the register.
COM OUTPUT :
COM output
C1
COM1
COM8
0
COM1
Common Address
COM8
1
COM8
Common Address
COM1
COM output
C2
COM9
COM16
0
COM9
Common Address
COM16
1
COM16
Common Address
COM9
SEG OUTPUT :
SEG output
S1
SEG1
SEG40
0
SEG1
Segment Address
SEG40
1
SEG40
Segment Address
SEG1
SEG output
S2
SEG41
SEG80
0
SEG41
Segment Address
SEG80
1
SEG80
Segment Address
SEG41
0
0
0
0
0
0
0
1
Code
RS
RW
DB7
DB6
DB5
DB4
DB1
DB2
DB3
Rb1
Rb0
DB0
0
0
0
1
0
0
C1
C2
Code
RS
RW
DB7
DB6
DB5
DB4
DB1
DB2
DB3
S1
S2
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com