전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC2364 데이터시트(PDF) 29 Page - NXP Semiconductors

부품명 LPC2364
상세설명  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 데이터시트(HTML) 29 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 25Page - NXP Semiconductors LPC2364 Datasheet HTML 26Page - NXP Semiconductors LPC2364 Datasheet HTML 27Page - NXP Semiconductors LPC2364 Datasheet HTML 28Page - NXP Semiconductors LPC2364 Datasheet HTML 29Page - NXP Semiconductors LPC2364 Datasheet HTML 30Page - NXP Semiconductors LPC2364 Datasheet HTML 31Page - NXP Semiconductors LPC2364 Datasheet HTML 32Page - NXP Semiconductors LPC2364 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
LPC2364_65_66_67_68_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 1 February 2010
29 of 59
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
• Incorrect/Incomplete feed sequence causes reset/interrupt if enabled.
• Flag to indicate watchdog reset.
• Programmable 32-bit timer with internal prescaler.
• Selectable time period from (Tcy(WDCLK) × 256 × 4) to (Tcy(WDCLK) × 232 × 4) in
multiples of Tcy(WDCLK) × 4.
• The Watchdog Clock (WDCLK) source can be selected from the RTC clock, the
Internal RC oscillator (IRC), or the APB peripheral clock. This gives a wide range of
potential timing choices of Watchdog operation under different power reduction
conditions. It also provides the ability to run the WDT from an entirely internal source
that is not dependent on an external crystal and its associated components and
wiring, for increased reliability.
7.23 RTC and battery RAM
The RTC is a set of counters for measuring time when system power is on, and optionally
when it is off. It uses little power in Power-down and Deep power-down modes. On the
LPC2364/65/66/67/68, the RTC can be clocked by a separate 32.768 kHz oscillator, or by
a programmable prescale divider based on the APB clock. Also, the RTC is powered by its
own power supply pin, VBAT, which can be connected to a battery or to the same 3.3 V
supply used by the rest of the device.
The VBAT pin supplies power only to the RTC and the battery RAM. These two functions
require a minimum of power to operate, which can be supplied by an external battery.
7.23.1 Features
• Measures the passage of time to maintain a calendar and clock.
• Ultra low power design to support battery powered systems.
• Provides Seconds, Minutes, Hours, Day of Month, Month, Year, Day of Week, and
Day of Year.
• Dedicated 32 kHz oscillator or programmable prescaler from APB clock.
• Dedicated power supply pin can be connected to a battery or to the main 3.3 V.
• Periodic interrupts can be generated from increments of any field of the time registers,
and selected fractional second values.
• 2 kB data SRAM powered by VBAT.
• RTC and battery RAM power supply is isolated from the rest of the chip.
7.24 Clocking and power control
7.24.1 Crystal oscillators
The LPC2364/65/66/67/68 includes three independent oscillators. These are the Main
Oscillator, the Internal RC oscillator, and the RTC oscillator. Each oscillator can be used
for more than one purpose as required in a particular application. Any of the three clock
sources can be chosen by software to drive the PLL and ultimately the CPU.
Following reset, the LPC2364/65/66/67/68 will operate from the Internal RC oscillator until
switched by software. This allows systems to operate without any external crystal and the
bootloader code to operate at a known frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com