전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC2364 데이터시트(PDF) 43 Page - NXP Semiconductors

부품명 LPC2364
상세설명  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 데이터시트(HTML) 43 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 39Page - NXP Semiconductors LPC2364 Datasheet HTML 40Page - NXP Semiconductors LPC2364 Datasheet HTML 41Page - NXP Semiconductors LPC2364 Datasheet HTML 42Page - NXP Semiconductors LPC2364 Datasheet HTML 43Page - NXP Semiconductors LPC2364 Datasheet HTML 44Page - NXP Semiconductors LPC2364 Datasheet HTML 45Page - NXP Semiconductors LPC2364 Datasheet HTML 46Page - NXP Semiconductors LPC2364 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
LPC2364_65_66_67_68_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 1 February 2010
43 of 59
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
VDD(3V3) = VDD(DCDC)(3V3) = 3.3 V; Tamb = 25 °C
Fig 9.
RTC battery maximum supply current IBAT versus temperature in Deep
power-down mode
VDD(3V3) = Vi(VBAT) = 3.3 V; Tamb = 25 °C.
Fig 10. Total DC-to-DC converter maximum supply current IDD(DCDC)dpd(3V3) versus
temperature in Deep power-down mode
002aae047
10
30
20
40
IBAT
(
μA)
0
temperature (
°C)
−40
85
35
10
60
−15
Vi(VBAT) = 3.3 V
Vi(VBAT) = 3.0 V
002aae048
temperature (
°C)
−40
85
35
10
60
−15
IDD(DCDC)dpd(3v3)
(
μA)
40
80
20
60
100
0
VDD(DCDC)(3V3) = 3.3 V
VDD(DCDC)(3V3) = 3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com