전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC2364 데이터시트(PDF) 15 Page - NXP Semiconductors

부품명 LPC2364
상세설명  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 데이터시트(HTML) 15 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 11Page - NXP Semiconductors LPC2364 Datasheet HTML 12Page - NXP Semiconductors LPC2364 Datasheet HTML 13Page - NXP Semiconductors LPC2364 Datasheet HTML 14Page - NXP Semiconductors LPC2364 Datasheet HTML 15Page - NXP Semiconductors LPC2364 Datasheet HTML 16Page - NXP Semiconductors LPC2364 Datasheet HTML 17Page - NXP Semiconductors LPC2364 Datasheet HTML 18Page - NXP Semiconductors LPC2364 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
LPC2364_65_66_67_68_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 1 February 2010
15 of 59
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
[1]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis.
[2]
5 V tolerant pad providing digital I/O functions (with TTL levels and hysteresis) and analog input. When configured as a DAC input,
digital section of the pad is disabled.
[3]
5 V tolerant pad providing digital I/O with TTL levels and hysteresis and analog output function. When configured as the DAC output,
digital section of the pad is disabled.
[4]
Open-drain 5 V tolerant digital I/O pad, compatible with I2C-bus 400 kHz specification. This pad requires an external pull-up to provide
output functionality. When power is switched off, this pin connected to the I2C-bus is floating and does not disturb the I2C lines.
Open-drain configuration applies to all functions on this pin.
[5]
Pad provides digital I/O and USB functions (LPC2364/66/68 only). It is designed in accordance with the USB specification, revision 2.0
(Full-speed and Low-speed mode only).
[6]
5 V tolerant pad with 5 ns glitch filter providing digital I/O functions with TTL levels and hysteresis.
[7]
5 V tolerant pad with 20 ns glitch filter providing digital I/O function with TTL levels and hysteresis.
TCK
5[1]
C1[1]
I
TCK — Test Clock for JTAG interface. This clock must be slower than 1
⁄
6 of
the CPU clock (CCLK) for the JTAG interface to operate
RTCK
100[1]
B2[1]
I/O
RTCK — JTAG interface control signal.
Note: LOW on this pin while RESET is LOW enables ETM pins (P2[9:0]) to
operate as trace port after reset.
RSTOUT
14
-
O
RSTOUT — This is a 3.3 V pin. LOW on this pin indicates
LPC2364/65/66/67/68 being in Reset state.
Note: This pin is available in LPC2364FBD100, LPC2365FBD100,
LPC2366FBD100, LPC2367FBD100, and LPC2368FBD100 devices only
(LQFP100 package).
RESET
17[7]
F3[7]
I
External reset input: A LOW on this pin resets the device, causing I/O
ports and peripherals to take on their default states, and processor
execution to begin at address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
22[8][9]
H2[8][9]
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
23[8][9]
G3[8][9]
O
Output from the oscillator amplifier.
RTCX1
16[8]
F2[8]
I
Input to the RTC oscillator circuit.
RTCX2
18[8]
G1[8]
O
Output from the RTC oscillator circuit.
VSS
15, 31,
41, 55,
72, 97,
83[10]
B3, B7,
C9, F1,
G7, J6,
K3 [10]
I
ground: 0 V reference.
VSSA
11[11]
E1[11]
I
analog ground: 0 V reference. This should nominally be the same voltage
as VSS, but should be isolated to minimize noise and error.
VDD(3V3)
28, 54,
71,
96[12]
A3, C10,
H9,
K2[12]
I
3.3 V supply voltage: This is the power supply voltage for the I/O ports.
VDD(DCDC)(3V3)
13, 42,
84[13]
A7, E4,
H6[13]
I
3.3 V DC-to-DC converter supply voltage: This is the supply voltage for
the on-chip DC-to-DC converter only.
VDDA
10[14]
E2[14]
I
analog 3.3 V pad supply voltage: This should be nominally the same
voltage as VDD(3V3) but should be isolated to minimize noise and error. This
voltage is used to power the ADC and DAC.
VREF
12[14]
E3[14]
I
ADC reference: This should be nominally the same voltage as VDD(3V3) but
should be isolated to minimize noise and error. Level on this pin is used as
a reference for ADC and DAC.
VBAT
19[14]
G2[14]
I
RTC pin power supply: 3.3 V on this pin supplies the power to the RTC
peripheral.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com