전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5200B 데이터시트(PDF) 31 Page - Freescale Semiconductor, Inc

부품명 MPC5200B
상세설명  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B 데이터시트(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
Freescale Semiconductor
31
Figure 15. Multiword DMA Timing
NOTE
The direction of signal assertion is towards the top of the page, and the direction of negation
is towards the bottom of the page, irrespective of the electrical properties of the signal.
Table 29. Ultra DMA Timing Specification
Sym
MODE 0
(ns)
MODE 1
(ns)
MODE 2
(ns)
Comment
SpecID
Min
Max
Min
Max
Min
Max
tCYC
114
—
75
—
55
—
Cycle time allowing for asymmetry and clock
variations from STROBE edge to STROBE edge
A8.26
t 2CYC
235
—
156
—
117
—
Two-cycle time allowing for clock variations, from
rising edge to next rising edge or from falling edge to
next falling edge of STROBE.
A8.27
t DS
15
—
10
—
7
—
Data setup time at recipient.
A8.28
t DH
5—5—5—
Data hold time at recipient.
A8.29
t DVS
70
—
48
—
34
—
Data valid setup time at sender, to STROBE edge.
A8.30
t DVH
6
—
6
—
6
—
Data valid hold time at sender, from STROBE edge.
A8.31
t FS
0
230
0
200
0
170
First STROBE time for drive to first negate DSTROBE
from STOP during a data-in burst.
A8.32
t LI
015001500150
Limited Interlock time.
A8.33
t MLI
20
—
20
—
20
—
Interlock time with minimum.
A8.34
t UI
0—0—0—
Unlimited interlock time.
A8.35
t0
tC
tE
tI
tD
tF
tH
tG
tJ
DMARQ
RDATA
WDATA
(Drive)
(Host)
(Host)
(Drive)
(Host)
tL
tK
DMACK
DIOR
DIOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com