전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5200B 데이터시트(PDF) 50 Page - Freescale Semiconductor, Inc

부품명 MPC5200B
상세설명  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B 데이터시트(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
50
Freescale Semiconductor
Figure 40. Timing Diagram — IrDA Transmit Line
1.3.16.4
SPI Mode
NOTE
Output timing is specified at a nominal 50 pF load.
Table 46. Timing Specifications — SPI Master Mode, Format 0 (CPHA = 0)
Sym
Description
Min
Max
Units
SpecID
1
SCK cycle time, programable in the PSC CCS register
30.0
—
ns
A15.26
2
SCK pulse width, 50% SCK duty cycle
15.0
—
ns
A15.27
3
Slave select clock delay, programable in the PSC CCS register
30.0
—
ns
A15.28
4
Output Data valid after Slave Select (SS)
—
8.9
ns
A15.29
5
Output Data valid after SCK
—
8.9
ns
A15.30
6
Input Data setup time
6.0
—
ns
A15.31
7
Input Data hold time
1.0
—
ns
A15.32
8
Slave disable lag time
—
8.9
ns
A15.33
9
Sequential Transfer delay, programable in the PSC CTUR / CTLR
register
15.0
—
ns
A15.34
10
Clock falling time
—
7.9
ns
A15.35
11
Clock rising time
—
7.9
ns
A15.36
IrDA_TX
4
3
(SIR / FIR / MIR)
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com