| 전자부품 데이터시트 검색엔진 |
|
PCF2127AT/1 데이터시트(PDF) 48 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2127AT/1 데이터시트(HTML) 48 Page - NXP Semiconductors |
|
48 / 80 page ![]() PCF2127A_2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 02 — 7 May 2010 48 of 80 NXP Semiconductors PCF2127A Integrated RTC, TCXO and quartz crystal 8.13.3 INT pulse shortening The pulse generator for the countdown timer interrupt also uses an internal clock, but this time it is dependent on the selected source clock for the countdown timer and on the countdown value n. As a consequence, the width of the interrupt pulse varies (see Table 54). [1] n = loaded countdown value. Timer stopped when n = 0. If the MSF or CDTF flag (register Control_2) is cleared before the end of the INT pulse, then the INT pulse is shortened. This allows the source of a system interrupt to be cleared immediately when it is serviced, i.e. the system does not have to wait for the completion of the pulse before continuing; see Figure 28 and Figure 29. Instructions for clearing bit MSF and bit CDTF can be found in Section 8.11.6. Table 54. INT operation (bit TI_TP = 1) Source clock (Hz) INT period (s) n = 1 [1] n > 1 4096 1 ⁄ 8192 1 ⁄ 4096 64 1 ⁄ 128 1 ⁄ 64 1 1 ⁄ 64 1 ⁄ 64 1 ⁄ 60 1 ⁄ 64 1 ⁄ 64 (1) Indicates normal duration of INT pulse. The timing shown for clearing bit MSF is also valid for the non-pulsed interrupt mode, i.e. when TI_TP is logic 0, where the INT pulse may be shortened by setting both bits MI and SI logic 0. Fig 28. Example of shortening the INT pulse by clearing the MSF flag 001aaf908 58 seconds counter MSF INT SCL instruction 59 CLEAR INSTRUCTION 8th clock (1) |