전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTY84 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 KTY84
상세설명  Silicon temperature sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY84 데이터시트(HTML) 2 Page - NXP Semiconductors

  KTY84 Datasheet HTML 1Page - NXP Semiconductors KTY84 Datasheet HTML 2Page - NXP Semiconductors KTY84 Datasheet HTML 3Page - NXP Semiconductors KTY84 Datasheet HTML 4Page - NXP Semiconductors KTY84 Datasheet HTML 5Page - NXP Semiconductors KTY84 Datasheet HTML 6Page - NXP Semiconductors KTY84 Datasheet HTML 7Page - NXP Semiconductors KTY84 Datasheet HTML 8Page - NXP Semiconductors KTY84 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KTY84_SER_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 8 May 2008
2 of 9
NXP Semiconductors
KTY84 series
Silicon temperature sensors
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
For temperatures greater than 200
°C, a sensor current of I
sen(cont) = 2 mA must be used.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
KTY84/130
-
hermetically sealed glass package; axial leaded; 2 leads
SOD68
KTY84/150
KTY84/151
Table 4.
Marking codes
Type number
Marking code
KTY84/130
KT84L
KTY84/150
KT84M
KTY84/151
KT84O
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Isen(cont)
continuous sensor current
in free air; Tamb =25 °C
[1] -10
mA
in free air; Tamb = 300 °C-
2
mA
Tamb
ambient temperature
−40
+300
°C



Html Pages

1 2 3 4 5 6 7 8 9