전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTY84 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 KTY84
상세설명  Silicon temperature sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY84 데이터시트(HTML) 3 Page - NXP Semiconductors

  KTY84 Datasheet HTML 1Page - NXP Semiconductors KTY84 Datasheet HTML 2Page - NXP Semiconductors KTY84 Datasheet HTML 3Page - NXP Semiconductors KTY84 Datasheet HTML 4Page - NXP Semiconductors KTY84 Datasheet HTML 5Page - NXP Semiconductors KTY84 Datasheet HTML 6Page - NXP Semiconductors KTY84 Datasheet HTML 7Page - NXP Semiconductors KTY84 Datasheet HTML 8Page - NXP Semiconductors KTY84 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KTY84_SER_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 8 May 2008
3 of 9
NXP Semiconductors
KTY84 series
Silicon temperature sensors
6.
Characteristics
[1]
The thermal time constant is the time taken for the sensor to reach 63.2 % of the total temperature difference. For example, if a sensor
with a temperature of 25
°C is moved to an environment with an ambient temperature of 100 °C, the time for the sensor to reach a
temperature of 72.4
°C is the thermal time constant.
Table 6.
Characteristics
Tamb = 100 °C; in liquid; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
R100
sensor resistance
Isen(cont) =2mA
KTY84/130
970
-
1030
Ω
KTY84/150
950
-
1050
Ω
KTY84/151
950
-
1000
Ω
TC
temperature coefficient
-
0.61
-
%/K
R250/R100
resistance ratio
Tamb = 250 °C and 100 °C
2.111
2.166
2.221
R25/R100
resistance ratio
Tamb =25 °C and 100 °C
0.595
0.603
0.611
τth
thermal time constant
in still air
[1] -20
-
s
in still liquid
[1] -1
-s
in flowing liquid
[1] -
0.5
-
s



Html Pages

1 2 3 4 5 6 7 8 9