| 전자부품 데이터시트 검색엔진 |
|
KTY84 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY84 데이터시트(HTML) 6 Page - NXP Semiconductors |
|
6 / 9 page ![]() KTY84_SER_6 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 06 — 8 May 2008 6 of 9 NXP Semiconductors KTY84 series Silicon temperature sensors Fig 1. Maximum expected temperature error ( ∆T) Fig 2. Maximum operating current for safe operation Tamb = 100 °C Fig 3. Sensor resistance as a function of ambient temperature and operating current Fig 4. Deviation of sensor resistance as a function of operating current in still liquid 30 10 0 100 300 mcd399 200 20 0 T (K) −100 −10 −30 Tamb (°C) −20 KTY84/150 KTY84/150 KTY84/130 /151 mcd401 12 8 Isen(cont) (mA) 4 0 0 100 300 200 −100 Tamb (°C) 0 3 2 1 0 100 200 400 mlc150 300 KTY84 operating current I = 2 mA 1 mA 0.5 mA −1 mA R (k Ω) Tamb (°C) 123 40 mcd400 30 20 10 0 R ( Ω) −10 Isen(cont) (mA) |