전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F707T-I/ML 데이터시트(PDF) 67 Page - Microchip Technology

부품명 PIC16F707T-I/ML
상세설명  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-I/ML 데이터시트(HTML) 67 Page - Microchip Technology

Back Button PIC16F707T-I/ML Datasheet HTML 63Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 64Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 65Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 66Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 67Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 68Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 69Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 70Page - Microchip Technology PIC16F707T-I/ML Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 284 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41418A-page 67
PIC16F707/PIC16LF707
6.6.2.4
RE3/MCLR/VPP
These pins are configurable to function as one of the
following:
• General purpose input
• Master Clear Reset with weak pull-up
• Programming voltage reference input
TABLE 6-5:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000
--00 0000
ANSELE
—
—
—
—
—
ANSE2
ANSE1
ANSE0
---- -111
---- -111
CPSACON0 CPSAON CPSARM
—
—
CPSARNG1 CPSARNG0
CPSAOUT
TAXCS
00-- 0000
00-- 0000
CPSACON1
—
—
—
—
CPSACH3
CPSACH2
CPSACH1
CPSACH0
---- 0000
---- 0000
PORTE
—
—
—
—
RE3
RE2
RE1
RE0
---- xxxx
---- xxxx
TRISE
—
—
—
—TRISE3(1)
TRISE2
TRISE1
TRISE0
---- 1111
---- 1111
Legend:
x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTE.
Note
1:
This bit is always ‘1’ as RE3 is input only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More