| 전자부품 데이터시트 검색엔진 |
|
PIC16F707T-I/ML 데이터시트(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707T-I/ML 데이터시트(HTML) 12 Page - Microchip Technology |
|
12 / 284 page ![]() PIC16F707/PIC16LF707 DS41418A-page 12 Preliminary 2010 Microchip Technology Inc. FIGURE 1-1: PIC16F707/PIC16LF707 BLOCK DIAGRAM 13 Data Bus 8 14 Program Bus Instruction reg Program Counter 8 Level Stack (13-bit) Direct Addr 7 RAM Addr 9 Addr MUX Indirect Addr FSR reg STATUS reg MUX ALU Instruction Decode & Control Timing Generation OSC1/CLKIN OSC2/CLKOUT PORTA PORTB PORTC PORTD PORTE RA4 RA5 RC0 RC1 RC2 RC3 RC4 RC5 RC6 RC7 RE0 RE1 RE2 8 8 Timer0 RA3 RA1 RA0 8 3 RA6 RA7 RD0 RD1 RD2 RD3 RD4 RD5 RD6 RD7 RB0 RB1 RB2 RB3 RB4 RB5 RB7 AN6 AN0 AN1 AN2 AN3 AN4 AN5 AN7 Synchronous SDA SCL SS SDO Serial Port SDI/ SCK/ TX/CK RX/DT Internal Oscillator Block Configuration 13 Data Bus 8 14 Program Bus Instruction reg Program Counter 8 Level Stack (13-bit) Direct Addr 7 RAM Addr Addr MUX Indirect Addr FSR reg STATUS reg MUX ALU W Reg Instruction Decode & Control Timing Generation PORTB PORTC PORTD PORTE RC1 8 8 8 3 Synchronous SDA SCL SS SDO Serial Port SDI/ SCK/ Internal Oscillator Block Configuration 13 Data Bus 8 14 Program Bus Instruction Reg Program Counter 8 Level Stack (13-bit) 7 Addr MUX FSR Reg STATUS Reg MUX ALU Instruction Decode and Control Timing Generation PORTB PORTC PORTD PORTE RC1 8 8 8 3 Analog-To-Digital Converter RB6 Synchronous SDA SCL SS SDO Serial Port SDI/ SCK/ Internal Oscillator Block Configuration RE3 CCP2 CCP2 CCP1 CCP1 VREF RA2 AN9 AN8 AN10 AN11 AN12 AN13 Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer MCLR VDD Brown-out Reset VSS T0CKI T1G T1CKI Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer MCLR VDD Brown-out Reset VSS T0CKI MCLR VDD VSS T0CKI Timer1 32 kHz Oscillator T1OSI T1OSO LDO Regulator Capacitive Sensing Module A CPSA6 CPSA0 CPSA1 CPSA2 CPSA3 CPSA4 CPSA7 CPSA8 CPSA9 CPSA10 CPSA11 CPSA12 CPSA13 CPSA14 CPSA15 CPSA5 Flash Program Memory RAM T3G T3CKI Timer1 Timer2 Timer3 TimerA TimerB AUSART TACKI TBCKI CPSB6 CPSB0 CPSB1 CPSB2 CPSB3 CPSB4 CPSB7 CPSB8 CPSB9 CPSB10 CPSB11 CPSB12 CPSB13 CPSB14 CPSB15 CPSB5 Capacitive Sensing Module B Digital-To-Analog DACOUT Converter |