| 전자부품 데이터시트 검색엔진 |
|
PIC16F707T-I/ML 데이터시트(PDF) 79 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707T-I/ML 데이터시트(HTML) 79 Page - Microchip Technology |
|
79 / 284 page ![]() 2010 Microchip Technology Inc. Preliminary DS41418A-page 79 PIC16F707/PIC16LF707 9.0 ANALOG-TO-DIGITAL CONVERTER (ADC) MODULE The Analog-to-Digital Converter (ADC) allows conversion of an analog input signal to a 8-bit binary representation of that signal. This device uses analog inputs, which are multiplexed into a single sample and hold circuit. The output of the sample and hold is connected to the input of the converter. The converter generates a 8-bit binary result via successive approximation and stores the conversion result into the ADC result register (ADRES). Figure 9-1 shows the block diagram of the ADC. The ADC voltage reference is software selectable to be either internally generated or externally supplied. The ADC can generate an interrupt upon completion of a conversion. This interrupt can be used to wake-up the device from Sleep. FIGURE 9-1: ADC BLOCK DIAGRAM AN0 AN1 AN2 AN4 AVDD VREF+ ADON GO/DONE ADREF = 10 ADREF = 0x CHS<3:0> VSS AN5 AN6 AN7 AN3 AN8 AN9 AN10 AN11 AN12 AN13 Reserved FVREF 0000 0001 0010 0011 0100 0101 0111 0110 1000 1001 1010 1011 1100 1101 1110 1111 8 ADC ADRES ADREF = 11 |