| 전자부품 데이터시트 검색엔진 |
|
MPC5125 데이터시트(PDF) 14 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5125 데이터시트(HTML) 14 Page - Freescale Semiconductor, Inc |
|
14 / 92 page ![]() MA00 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA00 — — — DRAM — — — O — — — VDD_IO_MEM — G20 MA01 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA01 — — — DRAM — — — O — — — VDD_IO_MEM — F22 MA02 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA02 — — — DRAM — — — O — — — VDD_IO_MEM — F19 MA03 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA03 — — — DRAM — — — O — — — VDD_IO_MEM — E22 MA04 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA04 — — — DRAM — — — O — — — VDD_IO_MEM — E21 MA05 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA05 — — — DRAM — — — O — — — VDD_IO_MEM — F20 MA06 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA06 — — — DRAM — — — O — — — VDD_IO_MEM — D22 MA07 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA07 — — — DRAM — — — O — — — VDD_IO_MEM — E20 Table 2. MPC5125 Pin Multiplexing (continued) Pin Pad I/O Control Register1 and Offset2 Alternate Function3 Functions4 Peripheral5 I/O Direction Power Domain Notes Pin |