전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F04KA201 데이터시트(PDF) 208 Page - Microchip Technology

부품명 PIC24F04KA201
상세설명  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 데이터시트(HTML) 208 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 204Page - Microchip Technology PIC24F04KA201 Datasheet HTML 205Page - Microchip Technology PIC24F04KA201 Datasheet HTML 206Page - Microchip Technology PIC24F04KA201 Datasheet HTML 207Page - Microchip Technology PIC24F04KA201 Datasheet HTML 208Page - Microchip Technology PIC24F04KA201 Datasheet HTML 209Page - Microchip Technology PIC24F04KA201 Datasheet HTML 210Page - Microchip Technology PIC24F04KA201 Datasheet HTML 211Page - Microchip Technology PIC24F04KA201 Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 206
Preliminary
© 2009 Microchip Technology Inc.
20-Lead SOIC (.300”)
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
Example
PIC24F04KA201
-I/SO
0910017
3
e
20-Lead QFN
Example
3
e
XXXXXX
XXXXXX
YYWWNNN
XXXXXX
24F04
KA201
0910017
/MQ
20-Lead SSOP
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
24F04KA201
-I/SS
0910017
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More