| 전자부품 데이터시트 검색엔진 |
|
PIC24F04KA201 데이터시트(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F04KA201 데이터시트(HTML) 33 Page - Microchip Technology |
|
33 / 224 page ![]() TABLE 4-6: TIMER REGISTER MAP File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets TMR1 0100 Timer1 Register 0000 PR1 0102 Timer1 Period Register FFFF T1CON 0104 TON —TSIDL — — — — — — TGATE TCKPS1 TCKPS0 — TSYNC TCS — 0000 TMR2 0106 Timer2 Register 0000 TMR3HLD 0108 Timer3 Holding Register (for 32-bit timer operations only) 0000 TMR3 010A Timer3 Register 0000 PR2 010C Timer2 Period Register FFFF PR3 010E Timer3 Period Register FFFF T2CON 0110 TON —TSIDL — — — — — — TGATE TCKPS1 TCKPS0 T32 —TCS — 0000 T3CON 0112 TON —TSIDL — — — — — — TGATE TCKPS1 TCKPS0 — —TCS — 0000 Legend: — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. TABLE 4-7: INPUT CAPTURE REGISTER MAP File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets IC1BUF 0140 Input Capture 1 Register FFFF IC1CON 0142 — —ICSIDL — — — — — ICTMR ICI1 ICI0 ICOV ICBNE ICM2 ICM1 ICM0 0000 Legend: — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. TABLE 4-8: OUTPUT COMPARE REGISTER MAP File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets OC1RS 0180 Output Compare 1 Secondary Register FFFF OC1R 0182 Output Compare 1 Register FFFF OC1CON 0184 — —OCSIDL — — — — — — — — OCFLT OCTSEL OCM2 OCM1 OCM0 0000 Legend: — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. |