| 전자부품 데이터시트 검색엔진 |
|
PIC24F04KA201 데이터시트(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F04KA201 데이터시트(HTML) 51 Page - Microchip Technology |
|
51 / 224 page ![]() © 2009 Microchip Technology Inc. Preliminary DS39937B-page 49 PIC24F04KA201 FAMILY EXAMPLE 5-5: INITIATING A PROGRAMMING SEQUENCE – ASSEMBLY LANGUAGE CODE EXAMPLE 5-6: INITIATING A PROGRAMMING SEQUENCE – ‘C’ LANGUAGE CODE EXAMPLE 5-7: PROGRAMMING A SINGLE WORD OF FLASH PROGRAM MEMORY DISI #5 ; Block all interrupts for next 5 instructions MOV #0x55, W0 MOV W0, NVMKEY ; Write the 55 key MOV #0xAA, W1 ; MOV W1, NVMKEY ; Write the AA key BSET NVMCON, #WR ; Start the erase sequence NOP ; 2 NOPs required after setting WR NOP ; BTSC NVMCON, #15 ; Wait for the sequence to be completed BRA $-2 ; // C example using MPLAB C30 asm("DISI #5"); // Block all interrupts for next 5 instructions __builtin_write_NVM(); // Perform unlock sequence and set WR ; Setup a pointer to data Program Memory MOV #tblpage(PROG_ADDR), W0 ; MOV W0, TBLPAG ;Initialize PM Page Boundary SFR MOV #tbloffset(PROG_ADDR), W0 ;Initialize a register with program memory address MOV #LOW_WORD_N, W2 ; MOV #HIGH_BYTE_N, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch ; Setup NVMCON for programming one word to data Program Memory MOV #0x4003, W0 ; MOV W0, NVMCON ; Set NVMOP bits to 0011 DISI #5 ; Disable interrupts while the KEY sequence is written MOV #0x55, W0 ; Write the key sequence MOV W0, NVMKEY MOV #0xAA, W0 MOV W0, NVMKEY BSET NVMCON, #WR ; Start the write cycle |