| 전자부품 데이터시트 검색엔진 |
|
PIC24F04KA201 데이터시트(PDF) 181 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F04KA201 데이터시트(HTML) 181 Page - Microchip Technology |
|
181 / 224 page ![]() © 2009 Microchip Technology Inc. Preliminary DS39937B-page 179 PIC24F04KA201 FAMILY TABLE 25-2: INSTRUCTION SET OVERVIEW Assembly Mnemonic Assembly Syntax Description # of Words # of Cycles Status Flags Affected ADD ADD f f = f + WREG 1 1 C, DC, N, OV, Z ADD f,WREG WREG = f + WREG 1 1 C, DC, N, OV, Z ADD #lit10,Wn Wd = lit10 + Wd 1 1 C, DC, N, OV, Z ADD Wb,Ws,Wd Wd = Wb + Ws 1 1 C, DC, N, OV, Z ADD Wb,#lit5,Wd Wd = Wb + lit5 1 1 C, DC, N, OV, Z ADDC ADDC f f = f + WREG + (C) 1 1 C, DC, N, OV, Z ADDC f,WREG WREG = f + WREG + (C) 1 1 C, DC, N, OV, Z ADDC #lit10,Wn Wd = lit10 + Wd + (C) 1 1 C, DC, N, OV, Z ADDC Wb,Ws,Wd Wd = Wb + Ws + (C) 1 1 C, DC, N, OV, Z ADDC Wb,#lit5,Wd Wd = Wb + lit5 + (C) 1 1 C, DC, N, OV, Z AND AND f f = f .AND. WREG 1 1 N, Z AND f,WREG WREG = f .AND. WREG 1 1 N, Z AND #lit10,Wn Wd = lit10 .AND. Wd 1 1 N, Z AND Wb,Ws,Wd Wd = Wb .AND. Ws 1 1 N, Z AND Wb,#lit5,Wd Wd = Wb .AND. lit5 1 1 N, Z ASR ASR f f = Arithmetic Right Shift f 1 1 C, N, OV, Z ASR f,WREG WREG = Arithmetic Right Shift f 1 1 C, N, OV, Z ASR Ws,Wd Wd = Arithmetic Right Shift Ws 1 1 C, N, OV, Z ASR Wb,Wns,Wnd Wnd = Arithmetic Right Shift Wb by Wns 1 1 N, Z ASR Wb,#lit5,Wnd Wnd = Arithmetic Right Shift Wb by lit5 1 1 N, Z BCLR BCLR f,#bit4 Bit Clear f 1 1 None BCLR Ws,#bit4 Bit Clear Ws 1 1 None BRA BRA C,Expr Branch if Carry 1 1 (2) None BRA GE,Expr Branch if Greater than or Equal 1 1 (2) None BRA GEU,Expr Branch if Unsigned Greater than or Equal 1 1 (2) None BRA GT,Expr Branch if Greater than 1 1 (2) None BRA GTU,Expr Branch if Unsigned Greater than 1 1 (2) None BRA LE,Expr Branch if Less than or Equal 1 1 (2) None BRA LEU,Expr Branch if Unsigned Less than or Equal 1 1 (2) None BRA LT,Expr Branch if Less than 1 1 (2) None BRA LTU,Expr Branch if Unsigned Less than 1 1 (2) None BRA N,Expr Branch if Negative 1 1 (2) None BRA NC,Expr Branch if Not Carry 1 1 (2) None BRA NN,Expr Branch if Not Negative 1 1 (2) None BRA NOV,Expr Branch if Not Overflow 1 1 (2) None BRA NZ,Expr Branch if Not Zero 1 1 (2) None BRA OV,Expr Branch if Overflow 1 1 (2) None BRA Expr Branch Unconditionally 1 2 None BRA Z,Expr Branch if Zero 1 1 (2) None BRA Wn Computed Branch 1 2 None BSET BSET f,#bit4 Bit Set f 1 1 None BSET Ws,#bit4 Bit Set Ws 1 1 None BSW BSW.C Ws,Wb Write C bit to Ws<Wb> 1 1 None BSW.Z Ws,Wb Write Z bit to Ws<Wb> 1 1 None BTG BTG f,#bit4 Bit Toggle f 1 1 None BTG Ws,#bit4 Bit Toggle Ws 1 1 None BTSC BTSC f,#bit4 Bit Test f, Skip if Clear 1 1 (2 or 3) None BTSC Ws,#bit4 Bit Test Ws, Skip if Clear 1 1 (2 or 3) None |