전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F04KA201T-I/SS 데이터시트(PDF) 42 Page - Microchip Technology

부품명 PIC24F04KA201T-I/SS
상세설명  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS 데이터시트(HTML) 42 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 38Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 39Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 40Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 41Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 42Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 43Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 44Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 45Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 40
Preliminary
© 2009 Microchip Technology Inc.
FIGURE 4-6:
ACCESSING PROGRAM MEMORY WITH TABLE INSTRUCTIONS
4.3.3
READING DATA FROM PROGRAM
MEMORY USING PROGRAM SPACE
VISIBILITY
The upper 32 Kbytes of data space may optionally be
mapped into an 8K word page (in PIC24F08KA1XX
devices) and a 16K word page (in PIC24F16KA1XX
devices) of the program space. This provides
transparent access of stored constant data from the
data space without the need to use special instructions
(i.e., TBLRDL/H).
Program space access through the data space occurs
if the MSb of the data space EA is ‘1’, and PSV is
enabled by setting the PSV bit in the CPU Control
(CORCON<2>) register. The location of the program
memory space to be mapped into the data space is
determined by the Program Space Visibility Page
Address register (PSVPAG). This 8-bit register defines
any one of 256 possible pages of 16K words in pro-
gram space. In effect, PSVPAG functions as the upper
8 bits of the program memory address, with the 15 bits
of the EA functioning as the lower bits.
By incrementing the PC by 2 for each program memory
word, the lower 15 bits of data space addresses directly
map to the lower 15 bits in the corresponding program
space addresses.
Data reads from this area add an additional cycle to the
instruction being executed, since two program memory
fetches are required.
Although each data space address, 8000h and higher,
maps directly into a corresponding program memory
address (see Figure 4-7), only the lower 16 bits of the
24-bit program word are used to contain the data. The
upper 8 bits of any program space locations used as
data should be programmed with ‘1111
1111
’ or
‘0000 0000’ to force a NOP. This prevents possible
issues should the area of code ever be accidentally
executed.
For operations that use PSV and are executed outside
a REPEAT loop, the MOV and MOV.D instructions will
require one instruction cycle in addition to the specified
execution time. All other instructions will require two
instruction cycles in addition to the specified execution
time.
For operations that use PSV, which are executed inside
a REPEAT loop, there will be some instances that
require two instruction cycles in addition to the
specified execution time of the instruction:
• Execution in the first iteration
• Execution in the last iteration
• Execution prior to exiting the loop due to an
interrupt
• Execution upon re-entering the loop after an
interrupt is serviced
0
8
16
23
00000000
00000000
00000000
00000000
‘Phantom’ Byte
TBLRDH.B
(Wn<0> = 0)
TBLRDL.W
TBLRDL.B
(Wn<0> = 1)
TBLRDL.B
(Wn<0> = 0)
23
15
0
TBLPAG
00
000000h
800000h
002BFEh
Program Space
Data EA<15:0>
The address for the table operation is determined by the data EA
within the page defined by the TBLPAG register. Only read
operations are provided; write operations are also valid in the
user memory area.
Note:
PSV access is temporarily disabled during
table reads/writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com