전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F04KA201T-I/SS 데이터시트(PDF) 14 Page - Microchip Technology

부품명 PIC24F04KA201T-I/SS
상세설명  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS 데이터시트(HTML) 14 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 10Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 11Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 12Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 13Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 14Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 15Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 16Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 17Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 12
Preliminary
© 2009 Microchip Technology Inc.
HLVDIN
6
15
12
I
ANA
HLVD Voltage Input
MCLR
1
1
18
I
ST
Master Clear (device Reset) Input
OC1
10
14
11
O
—
Output Compare/PWM Outputs
OCFA
11
17
14
I
—
Output Compare Fault A
OSCI
4
7
4
I
ANA
Main Oscillator Input Connection
OSCO
5
8
5
O
ANA
Main Oscillator Output Connection
PGC2
2
2
19
I/O
ST
In-Circuit Debugger and ICSP Programming Clock
PGD2
3
3
20
I/O
ST
In-Circuit Debugger and ICSP Programming Data
PGC3
7
10
7
I/O
ST
In-Circuit Debugger and ICSP Programming Clock
PGD3
6
9
6
I/O
ST
In-Circuit Debugger and ICSP Programming Data
RA0
2
2
19
I/O
ST
PORTA Digital I/O
RA1
3
3
20
I/O
ST
RA2
4
7
4
I/O
ST
RA3
5
8
5
I/O
ST
RA4
7
10
7
I/O
ST
RA5
1
1
18
I/O
ST
RA6
10
14
11
I/O
ST
RB0
—
4
1
I/O
ST
PORTB Digital I/O
RB1
—
5
2
I/O
ST
RB2
—
6
3
I/O
ST
RB4
6
9
6
I/O
ST
RB8
8
12
9
I/O
ST
RB9
9
13
10
I/O
ST
RB12
—
15
12
I/O
ST
RB13
—
16
13
I/O
ST
RB14
11
17
14
I/O
ST
RB15
12
18
15
I/O
ST
REFO
12
18
15
O
—
Reference Clock Output
SCK1
8
15
12
I/O
ST
SPI1 Serial Clock Input/Output
SCL1
8
12
9
I/O
I2C
I2C1 Synchronous Serial Clock Input/Output
SDA1
9
13
10
I/O
I2C
I2C1 Data Input/Output
SDI1
11
17
14
I
ST
SPI1 Serial Data Input
SDO1
9
16
13
O
—
SPI1 Serial Data Output
SOSCI
6
9
6
I
ANA
Secondary Oscillator Input
SOSCO
7
10
7
O
ANA
Secondary Oscillator Output
SS1
12
18
15
I/O
ST
Slave Select Input/Frame Select Output (SPI1)
T1CK
7
10
7
I
ST
Timer1 Clock
T2CK
12
18
15
I
ST
Timer2 Clock
T3CK
12
18
15
I
ST
Timer3 Clock
U1CTS
8
12
9
I
ST
UART1 Clear to Send Input
U1RTS
9
13
10
O
—
UART1 Request to Send Output
U1RX
12
6
3
I
ST
UART1 Receive
U1TX
11
11
8
O
—
UART1 Transmit Output
TABLE 1-2:
PIC24F04KA201 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
14-Pin
PDIP/TSSOP/
SOIC
20-Pin
PDIP/SSOP/
SOIC
20-Pin
QFN
Legend:
ST = Schmitt Trigger input buffer, ANA = Analog level input/output, I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More