전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F04KA201T-I/SS 데이터시트(PDF) 57 Page - Microchip Technology

부품명 PIC24F04KA201T-I/SS
상세설명  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS 데이터시트(HTML) 57 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 53Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 54Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 55Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 56Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 57Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 58Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 59Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 60Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 55
PIC24F04KA201 FAMILY
6.3
Brown-out Reset (BOR)
The PIC24F04KA201 family devices implement a BOR
circuit, which provides the user several configuration
and power-saving options. The BOR is controlled by
the <BORV1:BORV0> and (BOREN<1:0>) Configura-
tion bits (FPOR<6:5,1:0>). There are a total of four
BOR configurations, which are provided in Table 6.3.1.
The BOR threshold is set by the BORV<1:0> bits. If
BOR is enabled (any values of BOREN<1:0>, except
‘00’), any drop of VDD below the set threshold point will
reset the device. The chip will remain in BOR until VDD
rises above threshold.
If the Power-up Timer is enabled, it will be invoked after
VDD rises above the threshold; it, then, will keep the chip
in Reset for an additional time delay, TPWRT, if VDD drops
below the threshold while the power-up timer is running.
The chip goes back into a BOR and the Power-up Timer
will be initialized. Once VDD rises above the threshold,
the Power-up Timer will execute the additional time
delay.
BOR and the Power-up Timer are independently
configured. Enabling the BOR Reset does not
automatically enable the PWRT.
6.3.1
SOFTWARE ENABLED BOR
When BOREN<1:0> = 01, the BOR can be enabled or
disabled by the user in software. This is done with the
control bit, SBOREN (RCON<13>). Setting SBOREN
enables the BOR to function as previously described.
Clearing the SBOREN disables the BOR entirely. The
SBOREN bit operates only in this mode; otherwise, it is
read as ‘0’.
Placing BOR under software control gives the user the
additional flexibility of tailoring the application to its
environment without having to reprogram the device to
change the BOR configuration. It also allows the user
to tailor the incremental current that the BOR con-
sumes. While the BOR current is typically very small, it
may have some impact in low-power applications.
6.3.2
DETECTING BOR
When BOR is enabled, the BOR bit (RCON<1>) is
always reset to ‘1’ on any BOR or POR event. This
makes it difficult to determine if a BOR event has
occurred just by reading the state of BOR alone. A
more reliable method is to simultaneously check the
state of both POR and BOR. This assumes that the
POR and BOR bits are reset to ‘0’ in the software
immediately after any POR event. If the BOR bit is ‘1’
while POR is ‘0’, it can be reliably assumed that a BOR
event has occurred.
6.3.3
DISABLING BOR IN SLEEP MODE
When BOREN<1:0> = 10, BOR remains under hard-
ware control and operates as previously described.
However, whenever the device enters Sleep mode,
BOR is automatically disabled. When the device
returns to any other operating mode, BOR is
automatically re-enabled.
This mode allows for applications to recover from
brown-out situations, while actively executing code,
when the device requires BOR protection the most. At
the same time, it saves additional power in Sleep mode
by eliminating the small incremental BOR current.
6.3.4
DEEP SLEEP BOR (DSBOR)
Deep Sleep BOR is a very low-power BOR circuitry.
Due to low current consumption, accuracy may vary.
DSBOR occurs anywhere between 1.55V and 1.95V.
DSBOR is selected in configuration through the
BORV<1:0> (FPOR<6:5>) bits = 00.
DSBOR re-arms the POR anywhere between 1.55V
and 1.95V; however, below 1.55V, the POR is asserted.
Note:
Even when the BOR is under software
control, the BOR Reset voltage level is still
set by the BORV1:BORV0 Configuration
bits. It can not be changed in software.
Note:
Even when the device exits from Deep
Sleep mode, both the POR and BOR are
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com