| 전자부품 데이터시트 검색엔진 |
|
16F648 데이터시트(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F648 데이터시트(HTML) 34 Page - Microchip Technology |
|
34 / 180 page ![]() PIC16F627A/628A/648A DS40044G-page 34 © 2009 Microchip Technology Inc. FIGURE 5-2: BLOCK DIAGRAM OF RA2/AN2/VREF PIN FIGURE 5-3: BLOCK DIAGRAM OF THE RA3/AN3/CMP1 PIN Data Bus Q D Q CK WR PORTA WR TRISA Data Latch TRIS Latch RD RD PORTA Analog RA2 Pin Q D Q CK Input Mode D Q EN To Comparator Schmitt Trigger Input Buffer VROE VREF VDD VSS TRISA (CMCON Reg.) Data Bus Q D Q CK WR PORTA WR TRISA Data Latch TRIS Latch RD RD PORTA Analog RA3 Pin Q D Q CK D Q EN To Comparator Schmitt Trigger Input Buffer Input Mode Comparator Output Comparator Mode = 110 VDD VSS TRISA (CMCON Reg.) (CMCON Reg.) 1 0 |