| 전자부품 데이터시트 검색엔진 |
|
16F648 데이터시트(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F648 데이터시트(HTML) 41 Page - Microchip Technology |
|
41 / 180 page ![]() © 2009 Microchip Technology Inc. DS40044G-page 41 PIC16F627A/628A/648A FIGURE 5-12: BLOCK DIAGRAM OF RB4/PGM PIN Data Latch TRIS Latch RD TRISB Q D Q CK Q D Q CK RD PORTB WR PORTB WR TRISB Schmitt Trigger PGM input LVP Data Bus RB4/PGM VDD weak pull-up P From other QD EN QD EN Set RBIF RB<7:4> pins TTL input buffer VDD VSS Note: The low-voltage programming disables the interrupt-on-change and the weak pull-ups on RB4. RBPU Q1 Q3 (Configuration Bit) |