전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADT7476ARQZ-R7 데이터시트(PDF) 55 Page - ON Semiconductor

부품명 ADT7476ARQZ-R7
상세설명  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 데이터시트(HTML) 55 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
ADT7476
http://onsemi.com
55
Table 30. PWM Configuration Registers
Register Address
R/W (Note 1)
Description
Power−On Default
0x5C
R/W
PWM1 configuration
0x62
0x5D
R/W
PWM2 configuration
0x62
0x5E
R/W
PWM3 configuration
0x62
Bit No.
Name
R/W
Description
[2:0]
SPIN
R/W
These bits control the startup timeout for PWMx. The PWM output stays high until two valid
TACH rising edges are seen from the fan. If there is not a valid TACH signal during the fan
TACH measurement directly after the fan startup timeout period, the TACH measurement
reads 0xFFFF and Interrupt Status Register 2 reflects the fan fault. If the TACH minimum
high and low bytes contain 0xFFFF or 0x0000, the Interrupt Status Register 2 bit is not set,
even if the fan has not started.
000 = No startup timeout
001 = 100 ms
010 = 250 ms (default)
011 = 400 ms
100 = 667 ms
101 = 1 sec
110 = 2 sec
111 = 4 sec
[3]
RES
N/A
Reserved. Do not write to this bit.
[4]
INV
R/W
This bit inverts the PWM output. The default is 0, which corresponds to a logic high output for
100% duty cycle. Setting this bit to 1 inverts the PWM output, so 100% duty cycle
corresponds to a logic low output.
[7:5]
BHVR
R/W
These bits assign each fan to a particular temperature sensor for localized cooling.
000 = Remote 1 temperature controls PWMx (automatic fan control mode).
001 = Local temperature controls PWMx (automatic fan control mode).
010 = Remote 2 temperature controls PWMx (automatic fan control mode).
011 = PWMx runs full speed (default).
100 = PWMx disabled.
101 = Fastest speed calculated by local and Remote 2 temperature controls PWMx.
110 = Fastest speed calculated by all three temperature channel controls PWMx.
111 = Manual mode. PWM current duty cycle registers (0x30 to 0x32) become writable.
1. These registers become read−only when the Configuration Register 1 lock bit is set to 1. Any subsequent attempts to write to these registers fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com