전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADT7476ARQZ-R7 데이터시트(PDF) 58 Page - ON Semiconductor

부품명 ADT7476ARQZ-R7
상세설명  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 데이터시트(HTML) 58 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
ADT7476
http://onsemi.com
58
Table 33. Register 0x63 — Enhanced Acoustics Register 2 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[2:0]
ACOU3
R/W
Assuming that PWMx is associated with the local temperature channel, these bits define the
maximum rate of change of the PWMx output for local temperature related changes. Instead of
the fan speed jumping instantaneously to its newly determined speed, it ramps gracefully at the
rate determined by these bits. This feature ultimately enhances the acoustics of the fan.
When Bit 7 of Configuration Register 6 (0x10) is 0
Time Slot Increase
Time for 0% to 100%
000 = 1
001 = 2
010 = 3
011 = 4
100 = 8
101 = 12
110 = 24
111 = 48
37.5 sec
18.8 sec
12.5 sec
7.5 sec
4.7 sec
3.1 sec
1.6 sec
0.8 sec
When Bit 7 of Configuration Register 6 (0x10) is 1
Time Slot Increase
Time for 0% to 100%
000 = 1
001 = 2
010 = 3
011 = 4
100 = 8
101 = 12
110 = 24
111 = 48
52.2 sec
26.1 sec
17.4 sec
10.4 sec
6.5 sec
4.4 sec
2.2 sec
1.1 sec
[3]
EN3
R/W
When this bit is 1, smoothing is enabled on the local temperature channel.
[6:4]
ACOU2
R/W
Assuming that PWMx is associated with the Remote 2 temperature channel, these bits define
the maximum rate of change of the PWMx output for Remote 2 Temperature related changes.
Instead of the fan speed jumping instantaneously to its newly determined speed, it ramps
gracefully at the rate determined by these bits. This feature ultimately enhances the acoustics of
the fan.
[2:0]
ACOU3
R/W
When Bit 7 of Configuration Register 6 (0x10) is 0
Time Slot Increase
Time for 0% to 100%
000 = 1
001 = 2
010 = 3
011 = 4
100 = 8
101 = 12
110 = 24
111 = 48
37.5 sec
18.8 sec
12.5 sec
7.5 sec
4.7 sec
3.1 sec
1.6 sec
0.8 sec
When Bit 7 of Configuration Register 6 (0x10) is 1
Time Slot Increase
Time for 0% to 100%
000 = 1
001 = 2
010 = 3
011 = 4
100 = 8
101 = 12
110 = 24
111 = 48
52.2 sec
26.1 sec
17.4 sec
10.4 sec
6.5 sec
4.4 sec
2.2 sec
1.1 sec
[7]
EN2
R/W
When this bit is 1, smoothing is enabled on the Remote 2 temperature channel.
1. This register becomes read−only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com