전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA015 데이터시트(PDF) 47 Page - STMicroelectronics

부품명 STA015
상세설명  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 데이터시트(HTML) 47 Page - STMicroelectronics

Back Button STA015 Datasheet HTML 43Page - STMicroelectronics STA015 Datasheet HTML 44Page - STMicroelectronics STA015 Datasheet HTML 45Page - STMicroelectronics STA015 Datasheet HTML 46Page - STMicroelectronics STA015 Datasheet HTML 47Page - STMicroelectronics STA015 Datasheet HTML 48Page - STMicroelectronics STA015 Datasheet HTML 49Page - STMicroelectronics STA015 Datasheet HTML 50Page - STMicroelectronics STA015 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
47/56
STA015
Thi min = 3ns
Tlo min = 3ns
Toclk min = 25ns
tsdo = 5.5 + pad_timing (Cload_SDO) ns
tsckt = 6 + pad_timing (Cload_SCKT) ns
tlrckt = 5.5 + pad_timing (Cload_LRCKT) ns
6.3.2 Bitstream input interface (SDI, SCKR, BIT_EN) SCL_POL = 0
6.3.3 Bitstream input interface (SDI, SCKR, BIT_EN) SCL_POL = 1
tsdi_setup_min = 2ns
tsdi_hold_min = 3ns
tsckr_min_hi = 10ns
tsckr_min_low = 10ns
tsckr_min_lperiod = 50ns
t_biten (min) = 2ns
6.3.4 SRC_INT
This is an asynchronous input used in "broadcast’ mode.
SRC_INT is active low
t_src_low min duration is 50ns (1DSP clock period)
t_src_high min duration is 50ns (1DSP clock period)
SDI
SCKR
IGNORED
VALID
IGNORED
t_biten
t_biten
tsdi_hold
tsdi_setup
D98AU971A
tsckr_min_high
BIT_EN
SCLK_POL=0
tsckr_min_low
tsckr_min_period
SDI
SCKR
IGNORED
IGNORED
VALID
IGNORED
t_biten
t_biten
tsdi_hold
tsdi_setup
D99AU1038
tsckr_min_high
BIT_EN
SCLK_POL=4
tsckr_min_low
tsckr_min_period
SRC_INT
D98AU972
t_src_hi
t_src_low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56