전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56F803 데이터시트(PDF) 29 Page - Freescale Semiconductor, Inc

부품명 DSP56F803
상세설명  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803 데이터시트(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button DSP56F803 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
External Clock Operation
56F803 Technical Data, Rev. 16
Freescale Semiconductor
29
Figure 3-10 External Clock Timing
Table 3-8 External Clock Operation Timing Requirements3
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency of operation (external clock driver)1
1.
See Figure 3-9 for details on using the recommended connection of an external clock driver.
fosc
0—
80
MHz
Clock Pulse Width2, 3
2.
The high or low pulse width must be no smaller than 6.25ns or the chip will not function. However, the high pulse width
does not have to be any particular percent of the low pulse width.
3.
Parameters listed are guaranteed by design.
tPW
6.25
—
—
ns
External
Clock
VIH
VIL
Note: The midpoint is VIL + (VIH – VIL)/2.
90%
50%
10%
90%
50%
10%
tPW
tPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com