전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56F803 데이터시트(PDF) 41 Page - Freescale Semiconductor, Inc

부품명 DSP56F803
상세설명  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803 데이터시트(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button DSP56F803 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Quadrature Decoder Timing
56F803 Technical Data, Rev. 16
Freescale Semiconductor
41
Figure 3-22 Timer Timing
3.10 Quadrature Decoder Timing
Timer output high/low period
POUTHL
1T
—
ns
1.
In the formulas listed, T = clock cycle. For 80MHz operation, T = 12.5ns.
2.
Parameters listed are guaranteed by design.
Table 3-14 Quadrature Decoder Timing1,2
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6V, TA = –40° to +85°C, CL ≤ 50pF, fOP = 80MHz
1.
In the formulas listed, T = clock cycle. For 80MHz operation, T = 12. ns. VSS = 0 V, VDD = 3.0 – 3.6V,
TA = –40° to +85°C, CL ≤ 50pF.
2.
Parameters listed are guaranteed by design.
Characteristic
Symbol
Min
Max
Unit
Quadrature input period
PIN
8T+12
—
ns
Quadrature input high/low period
PHL
4T+6
—
ns
Quadrature phase period
PPH
2T+3
—
ns
Table 3-13 Timer Timing1, 2
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6V, TA = –40° to +85°C, CL ≤ 50pF, fOP = 80MHz
Timer Inputs
Timer Outputs
PIN
PINHL
PINHL
POUT
POUTHL
POUTHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com