전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 518 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 518 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 514Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 515Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 516Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 517Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 518Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 519Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 520Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 521Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 522Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 1348 page
background image
Chapter 12 Serial Peripheral Interface (S12SPIV4)
MC9S12XDP512 Data Sheet, Rev. 2.21
518
Freescale Semiconductor
12.2.3
SS — Slave Select Pin
This pin is used to output the select signal from the SPI module to another peripheral with which a data
transfer is to take place when it is configured as a master and it is used as an input to receive the slave select
signal when the SPI is configured as slave.
12.2.4
SCK — Serial Clock Pin
In master mode, this is the synchronous output clock. In slave mode, this is the synchronous input clock.
12.3
Memory Map and Register Definition
This section provides a detailed description of address space and registers used by the SPI.
12.3.1
Module Memory Map
The memory map for the SPI is given in Figure 12-2. The address listed for each register is the sum of a
base address and an address offset. The base address is defined at the SoC level and the address offset is
defined at the module level. Reads from the reserved bits return zeros and writes to the reserved bits have
no effect.
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0
SPICR1
R
SPIE
SPE
SPTIE
MSTR
CPOL
CPHA
SSOE
LSBFE
W
SPICR2
R
0
0
0
MODFEN
BIDIROE
0
SPISWAI
SPC0
W
SPIBR
R
0
SPPR2
SPPR1
SPPR0
0
SPR2
SPR1
SPR0
W
SPISR
R
SPIF
0
SPTEF
MODF
0000
W
Reserved
R
W
SPIDR
R
Bit 7
6
5
4
3
2
1
Bit 0
W
Reserved
R
W
Reserved
R
W
= Unimplemented or Reserved
Figure 12-2. SPI Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com