전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8531 데이터시트(PDF) 23 Page - NXP Semiconductors

부품명 PCF8531
상세설명  34 x 128 pixel matrix driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 데이터시트(HTML) 23 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 19Page - NXP Semiconductors PCF8531 Datasheet HTML 20Page - NXP Semiconductors PCF8531 Datasheet HTML 21Page - NXP Semiconductors PCF8531 Datasheet HTML 22Page - NXP Semiconductors PCF8531 Datasheet HTML 23Page - NXP Semiconductors PCF8531 Datasheet HTML 24Page - NXP Semiconductors PCF8531 Datasheet HTML 25Page - NXP Semiconductors PCF8531 Datasheet HTML 26Page - NXP Semiconductors PCF8531 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 10 August 2010
23 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
9.8 LCD bias voltage
9.9 Set VLCD value
VLCD can be set by software. The voltage at intersection temperature [VLCD (T = Tints)] can
be calculated as: VLCD (Tints)=a + VLCD × b
The generated voltage is dependent on the temperature, programmed Temperature
Coefficient (TC) and the programmed voltage at intersection temperature (Tints).
VLCD = VLCD (Tints) × [1 + TC × (T − Tints)]
The parameter values are given in Table 10. Two overlapping VLCD ranges can be
selected via the command HV-gen control (see Table 10 and Figure 12). The maximum
voltage which can be generated depends on the VDD2 and VDD3 voltages and the display
load current. For multiplex rate 1:34, the optimum VLCD can be calculated as:
Where Vth is the threshold voltage of the liquid crystal material used.
The practical value for VLCD is determined by equating Voff(RMS) with a defined LCD
threshold voltage (Vth), typically when the LCD exhibits approximately 10 % contrast.
As the programming range for the internally generated VLCD allows values above the
maximum allowed VLCD, the user must ensure, while setting the VOP register and
selecting the temperature compensation, that the VLCD limit maximum of 9.0 V is never
exceeded under all conditions and including all tolerances.
Table 9.
Intermediate LCD bias voltages
Symbol
Bias voltage
Example for 1
⁄
7 bias
V1
VLCD
VLCD
V2
6
⁄
7 × VLCD
V3
5
⁄
7 × VLCD
V4
2
⁄
7 × VLCD
V5
1
⁄
7 × VLCD
V6
VSS
VSS
n3
+
n4
+
------------
V
LCD
×
n2
+
n4
+
------------
V
LCD
×
2
n4
+
------------
V
LCD
×
1
n4
+
------------
V
LCD
×
V
LCD
134
+
21
1
34
----------
–
⎝⎠
⎛⎞
×
--------------------------------------
V
th
×
5.30
V
th
×
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com