전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8531 데이터시트(PDF) 40 Page - NXP Semiconductors

부품명 PCF8531
상세설명  34 x 128 pixel matrix driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 데이터시트(HTML) 40 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 36Page - NXP Semiconductors PCF8531 Datasheet HTML 37Page - NXP Semiconductors PCF8531 Datasheet HTML 38Page - NXP Semiconductors PCF8531 Datasheet HTML 39Page - NXP Semiconductors PCF8531 Datasheet HTML 40Page - NXP Semiconductors PCF8531 Datasheet HTML 41Page - NXP Semiconductors PCF8531 Datasheet HTML 42Page - NXP Semiconductors PCF8531 Datasheet HTML 43Page - NXP Semiconductors PCF8531 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 10 August 2010
40 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
15.3 Power supply connections for external VLCD generation
15.4 Information about VLCD connections
VLCDIN — This input is used for generating the 5 LCD bias levels. It is the power supply for
the bias level buffers.
VLCDOUT — This is the VLCD output if VLCD is generated internally. It is the output of the
charge pump. In this case pin VLCDOUT must be connected to VLCDIN and to VLCDSENSE
(see Figure 31). VLCDOUT must be left open circuit when VLCD is supplied from an external
source (see Figure 32).
VLCDSENSE — When using the internal VLCD generation, this pin must be connected to
VLCDOUT and VLCDIN (see Figure 31). When using an external VLCD supply it must be
connected to VLCDIN or to ground (see Figure 32).
Fig 31. Recommended VLCD connections for internal VLCD generation
013aaa356
VSS2
VLCDIN
VLCDOUT
VLCDSENSE
1
μF
Remark: When using an external VLCD, the internal VLCD generator must never be switched on
otherwise damages will occur.
Fig 32. Recommended VDD connections for external VLCD generation
013aaa358
VLCDIN
VLCDOUT
VLCDSENSE
n.c.
4.0 V to 9.0 V
1
μF
or
VLCDIN
VLCDOUT
VLCDSENSE
n.c.
4.0 V to 9.0 V
VDD1
VDD2
VDD3
VSS1
VSS2
GND
1.8 V (1.9 V) to 5.5 V
1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com