전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8531 데이터시트(PDF) 15 Page - NXP Semiconductors

부품명 PCF8531
상세설명  34 x 128 pixel matrix driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 데이터시트(HTML) 15 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 11Page - NXP Semiconductors PCF8531 Datasheet HTML 12Page - NXP Semiconductors PCF8531 Datasheet HTML 13Page - NXP Semiconductors PCF8531 Datasheet HTML 14Page - NXP Semiconductors PCF8531 Datasheet HTML 15Page - NXP Semiconductors PCF8531 Datasheet HTML 16Page - NXP Semiconductors PCF8531 Datasheet HTML 17Page - NXP Semiconductors PCF8531 Datasheet HTML 18Page - NXP Semiconductors PCF8531 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 10 August 2010
15 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
7.10 Bias voltage generator
The bias voltage generator generates four buffered intermediate bias voltages. This block
contains the generator for the reference voltages and the four buffers. This block can
operate in two voltage ranges:
• Normal mode: 4.0 V to 9.0 V
• Power save mode: 3.0 V to 9.0 V.
7.11 VLCD generator
The VLCD voltage generator contains a configurable 2 to 5 times voltage multiplier; this is
programmed by software.
7.12 Reset
The PCF8531 has the possibility of two reset modes: internal Power-On Reset (POR) or
external reset (RES). The reset mode is selected using the ENR signal. After a reset, the
chip has the following state:
• All row and column outputs are set to VSS (display off)
• RAM data is undefined
• Power-down mode
7.13 Power-down
During power-down, all static currents are switched off (no internal oscillator, no timing
and no LCD segment drive system) and all LCD outputs are internally connected to VSS.
The I2C-bus function remains operational.
7.14 Column driver outputs
The LCD drive section includes 128 column outputs (C0 to C127) which must be
connected directly to the LCD. The column output signals are generated in accordance
with the multiplexed row signals and with the data in the display latch. When less than
128 columns are required, the unused column outputs must be left open-circuit.
7.15 Row driver outputs
The LCD drive section includes 34 row outputs (R0 to R33), which must be connected
directly to the LCD. The row output signals are generated in accordance with the selected
LCD drive mode. If less than 34 rows or lower multiplex rates are required, the unused
outputs must be left open-circuit. The row signals are interlaced i.e. the selection order is
R0,R2, ...,R1, R3,etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com