| 전자부품 데이터시트 검색엔진 |
|
AT90PWM3 데이터시트(PDF) 155 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM3 데이터시트(HTML) 155 Page - ATMEL Corporation |
|
155 / 361 page ![]() 155 4317J–AVR–08/10 AT90PWM2/3/2B/3B Figure 16-35. PSC behaviour versus PSCn Input A in Mode 14 The output frequency is not modified by the occurence of significative edge of retriggering input. Figure 16-36. PSC behaviour versus PSCn Input B in Mode 14 The output is disactivated while retriggering input is active. The output of the PSC is set to an inactive state and the corresponding ramp is not aborted. The output stays in an inactive state while the Retrigger/Fault input is actve. The PSC runs at con- stant frequency. AT90PWM2/3 : The retrigger event is taken into account only if it occurs during the correspond- ing On-Time. In the case of the retrigger event is not taken into account, the following active outputs remains active, they are not desactivated. PSCOUTn0 PSCOUTn1 DT0 OT0 DT1 OT1 DT0 OT0 DT0 OT0 DT1 OT1 DT1 OT1 DT0 OT0 DT1 OT1 PSCn Input A PSCOUTn0 PSCOUTn1 DT0 OT0 DT1 OT1 DT0 OT0 DT0 OT0 DT1 OT1 DT1 OT1 DT0 OT0 DT1 OT1 PSCn Input B |