| 전자부품 데이터시트 검색엔진 |
|
PIC18F4331 데이터시트(PDF) 53 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 데이터시트(HTML) 53 Page - Microchip Technology |
|
53 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 53 PIC18F2331/2431/4331/4431 FIGURE 5-7: TIME-OUT SEQUENCE ON POR w/PLL ENABLED (MCLR TIED TO VDD) TABLE 5-2: STATUS BITS, THEIR SIGNIFICANCE AND THE INITIALIZATION CONDITION FOR RCON REGISTER Condition Program Counter RCON Register RI TO PD POR BOR STKFUL STKUNF Power-on Reset 0000h 0--1 1100 1 1 1 0 0 0 0 RESET Instruction 0000h 0--0 uuuu 0 u u u u u u Brown-out 0000h 0--1 11u- 1 1 1 u 0 u u MCLR Reset during power-managed Run modes 0000h 0--u 1uuu u 1 u u u u u MCLR Reset during power-managed Idle and Sleep modes 0000h 0--u 10uu u 1 0 u u u u WDT Time-out during full power or power-managed Run modes 0000h 0--u 0uuu u 0 u u u u u MCLR Reset during full-power execution 0000h 0--u uuuu u u u u u uu Stack Full Reset (STVREN = 1) 1u Stack Underflow Reset (STVREN = 1) u1 Stack Underflow Error (not an actual Reset, STVREN = 0) 0000h u--u uuuu u u u u u u 1 WDT time-out during power-managed Idle or Sleep modes PC + 2 u--u 00uu u 0 0 u u u u Interrupt exit from power-managed modes PC + 2(1) u--u u0uu u u 0 u u u u Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’. Note 1: When the wake-up is due to an interrupt and the GIEH or GIEL bits are set, the PC is loaded with the interrupt vector (0x000008h or 0x000018h). TPWRT TOST VDD MCLR INTERNAL POR PWRT TIME-OUT OST TIME-OUT INTERNAL RESET PLL TIME-OUT TPLL Note: TOST = 1024 clock cycles. TPLL 2 ms max. First three stages of the PWRT timer. |