| 전자부품 데이터시트 검색엔진 |
|
PIC18F4331 데이터시트(PDF) 55 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 데이터시트(HTML) 55 Page - Microchip Technology |
|
55 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 55 PIC18F2331/2431/4331/4431 FSR1H 2331 2431 4331 4431 ---- 0000 ---- uuuu ---- uuuu FSR1L 2331 2431 4331 4431 xxxx xxxx uuuu uuuu uuuu uuuu BSR 2331 2431 4331 4431 ---- 0000 ---- 0000 ---- uuuu INDF2 2331 2431 4331 4431 N/A N/A N/A POSTINC2 2331 2431 4331 4431 N/A N/A N/A POSTDEC2 2331 2431 4331 4431 N/A N/A N/A PREINC2 2331 2431 4331 4431 N/A N/A N/A PLUSW2 2331 2431 4331 4431 N/A N/A N/A FSR2H 2331 2431 4331 4431 ---- 0000 ---- uuuu ---- uuuu FSR2L 2331 2431 4331 4431 xxxx xxxx uuuu uuuu uuuu uuuu STATUS 2331 2431 4331 4431 ---x xxxx ---u uuuu ---u uuuu TMR0H 2331 2431 4331 4431 0000 0000 0000 0000 uuuu uuuu TMR0L 2331 2431 4331 4431 xxxx xxxx uuuu uuuu uuuu uuuu T0CON 2331 2431 4331 4431 1111 1111 1111 1111 uuuu uuuu OSCCON 2331 2431 4331 4431 0000 q000 0000 q000 uuuu uuuu LVDCON 2331 2431 4331 4431 --00 0101 --00 0101 --uu uuuu WDTCON 2331 2431 4331 4431 0--- ---0 0--- ---0 u--- ---u RCON(4) 2331 2431 4331 4431 0--1 11q0 0--q qquu u--u qquu TMR1H 2331 2431 4331 4431 xxxx xxxx uuuu uuuu uuuu uuuu TMR1L 2331 2431 4331 4431 xxxx xxxx uuuu uuuu uuuu uuuu T1CON 2331 2431 4331 4431 0000 0000 u0uu uuuu uuuu uuuu TMR2 2331 2431 4331 4431 0000 0000 0000 0000 uuuu uuuu PR2 2331 2431 4331 4431 1111 1111 1111 1111 1111 1111 T2CON 2331 2431 4331 4431 -000 0000 -000 0000 -uuu uuuu SSPBUF 2331 2431 4331 4431 xxxx xxxx uuuu uuuu uuuu uuuu SSPADD 2331 2431 4331 4431 0000 0000 0000 0000 uuuu uuuu SSPSTAT 2331 2431 4331 4431 0000 0000 0000 0000 uuuu uuuu SSPCON 2331 2431 4331 4431 0000 0000 0000 0000 uuuu uuuu TABLE 5-3: INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED) Register Applicable Devices Power-on Reset, Brown-out Reset MCLR Resets WDT Reset RESET Instruction Stack Resets Wake-up via WDT or Interrupt Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition. Shaded cells indicate conditions do not apply for the designated device. Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up). 2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector (0008h or 0018h). 3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack. 4: See Table 5-2 for Reset value for specific condition. 5: Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When not enabled as PORTA pins, they are disabled and read ‘0’. 6: Bit 3 of PORTE and LATE are enabled if MCLR functionality is disabled. When not enabled as the PORTE pin, they are disabled and read as ‘0’. The 28-pin devices do not have only RE3 implemented. |