| 전자부품 데이터시트 검색엔진 |
|
PIC18F4331 데이터시트(PDF) 54 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 데이터시트(HTML) 54 Page - Microchip Technology |
|
54 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 54 2010 Microchip Technology Inc. TABLE 5-3: INITIALIZATION CONDITIONS FOR ALL REGISTERS Register Applicable Devices Power-on Reset, Brown-out Reset MCLR Resets WDT Reset RESET Instruction Stack Resets Wake-up via WDT or Interrupt TOSU 2331 2431 4331 4431 ---0 0000 ---0 0000 ---0 uuuu(3) TOSH 2331 2431 4331 4431 0000 0000 0000 0000 uuuu uuuu(3) TOSL 2331 2431 4331 4431 0000 0000 0000 0000 uuuu uuuu(3) STKPTR 2331 2431 4331 4431 00-0 0000 uu-0 0000 uu-u uuuu(3) PCLATU 2331 2431 4331 4431 ---0 0000 ---0 0000 ---u uuuu PCLATH 2331 2431 4331 4431 0000 0000 0000 0000 uuuu uuuu PCL 2331 2431 4331 4431 0000 0000 0000 0000 PC + 2(2) TBLPTRU 2331 2431 4331 4431 --00 0000 --00 0000 --uu uuuu TBLPTRH 2331 2431 4331 4431 0000 0000 0000 0000 uuuu uuuu TBLPTRL 2331 2431 4331 4431 0000 0000 0000 0000 uuuu uuuu TABLAT 2331 2431 4331 4431 0000 0000 0000 0000 uuuu uuuu PRODH 2331 2431 4331 4431 xxxx xxxx uuuu uuuu uuuu uuuu PRODL 2331 2431 4331 4431 xxxx xxxx uuuu uuuu uuuu uuuu INTCON 2331 2431 4331 4431 0000 000x 0000 000u uuuu uuuu(1) INTCON2 2331 2431 4331 4431 1111 -1-1 1111 -1-1 uuuu -u-u(1) INTCON3 2331 2431 4331 4431 11-0 0-00 11-0 0-00 uu-u u-uu(1) INDF0 2331 2431 4331 4431 N/A N/A N/A POSTINC0 2331 2431 4331 4431 N/A N/A N/A POSTDEC0 2331 2431 4331 4431 N/A N/A N/A PREINC0 2331 2431 4331 4431 N/A N/A N/A PLUSW0 2331 2431 4331 4431 N/A N/A N/A FSR0H 2331 2431 4331 4431 ---- xxxx ---- uuuu ---- uuuu FSR0L 2331 2431 4331 4431 xxxx xxxx uuuu uuuu uuuu uuuu WREG 2331 2431 4331 4431 xxxx xxxx uuuu uuuu uuuu uuuu INDF1 2331 2431 4331 4431 N/A N/A N/A POSTINC1 2331 2431 4331 4431 N/A N/A N/A POSTDEC1 2331 2431 4331 4431 N/A N/A N/A PREINC1 2331 2431 4331 4431 N/A N/A N/A PLUSW1 2331 2431 4331 4431 N/A N/A N/A Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition. Shaded cells indicate conditions do not apply for the designated device. Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up). 2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector (0008h or 0018h). 3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack. 4: See Table 5-2 for Reset value for specific condition. 5: Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When not enabled as PORTA pins, they are disabled and read ‘0’. 6: Bit 3 of PORTE and LATE are enabled if MCLR functionality is disabled. When not enabled as the PORTE pin, they are disabled and read as ‘0’. The 28-pin devices do not have only RE3 implemented. |